| Moteur de recherche de fiches techniques de composants électroniques |
|
650JS002M16 Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
650JS002M16 Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 65 - Page 7 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 650JS001 - 650JS002 Dummy Stowage Receptacles - Bayonet MIL-C-81511 Series I, II, III and IV TABLE IV: STANDARD FINISHES Glenair Symbol N M Finish Cadmium Olive Drab over Nickel Electroless nickel Basic Part No. Finish (Table IV) Shell Size 650JS002 M 16 MIL-C-81511 Series I & III 1. For complete dimensions see Military Standard MIL-C-81511/19 and /30. 2. Metric dimensions (mm) are indicated in parentheses. G .599 (15.2) .724 (18.4) .911 (23.1) .974 (24.7) 1.067 (27.1) 1.161 (29.5) 1.255 (31.9) 1.380 (35.1) H Max .126 (3.2) .126 (3.2) .126 (3.2) .126 (3.2) .126 (3.2) .126 (3.2) .126 (3.2) .153 (3.9) E Dia .553 (14.0) .678 (17.2) .928 (23.6) 1.054 (26.8) 1.178 (29.9) 1.303 (33.1) 1.428 (36.3) 1.553 (39.4) Shell Size 08 10 14 16 18 20 22 24 F Max .820 (20.8) .945 (24.0) 1.133 (28.8) 1.258 (32.0) 1.351 (34.3) 1.475 (37.5) 1.570 (39.9) 1.711 (43.5) J .645 (16.4) .645 (16.4) .645 (16.4) .645 (16.4) .645 (16.4) .645 (16.4) .645 (16.4) .645 (16.4) TABLE III: DIMENSIONS K .070 (1.8) .070 (1.8) .070 (1.8) .070 (1.8) .070 (1.8) .070 (1.8) .070 (1.8) .070 (1.8) F G H J K E O-Ring Military Ref. 1 2 Basic Part No. Finish (Table IV) Shell Size 650JS001 M 16 MIL-C-81511 Series II & IV |
Numéro de pièce similaire - 650JS002M16 |
|
Description similaire - 650JS002M16 |