| Moteur de recherche de fiches techniques de composants électroniques |
|
620FS054M Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
620FS054M Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 62 - Page 19 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 CONNECTOR DESIGNATOR F DIRECT COUPLING F Dia Free .125 (3.2) .188 (4.8) .312 (7.9) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .750 (19.1) .800 (20.3) 1. Cable Entry is defined as the accommodation entry for the wire bundle or cable. Dimensions are not intended for inspection criteria. 2. Metric dimensions (mm) are indicated in parentheses. G Max Closed .187 (4.7) .187 (4.7) .281 (7.1) .325 (8.3) .356 (9.0) .456 (11.6) .519 (13.2) .519 (13.2) .657 (16.7) E Max 1.078 (27.4) 1.078 (27.4) 1.078 (27.4) 1.312 (33.3) 1.312 (33.3) 1.312 (33.3) 1.312 (33.3) 1.453 (36.9) 1.375 (34.9) Shell Size 08 10 12 14 16 18 20 22 24 A Thread (Table I) B (Table I) E (Table III) H (Table III) G Max Closed (Table III) See inside back cover fold-out or pages 13 and 14 for Tables I and II. F (Table III) Product Series Connector Designator Angle and Profile S = Straight 620 F S 054 M 16 Shell Size (Table III) Finish (Table II) Basic Part No. Bushing TABLE III: CABLE ENTRY H Max .828 (21.0) .891 (22.6) 1.016 (25.8) 1.141 (29.0) 1.203 (30.6) 1.469 (37.3) 1.469 (37.3) 1.656 (42.1) 1.750 (44.5) 620-054 Strain Relief Direct Coupling - Straight |
Numéro de pièce similaire - 620FS054M |
|
Description similaire - 620FS054M |