| Moteur de recherche de fiches techniques de composants électroniques |
|
557331M Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
557331M Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. A-99 CAGE Code 06324 557-331 EMI/RFI Banding Backshell Assembly for MIL-C-24308 Connectors Metric dimensions (mm) are indicated in parentheses TABLE I: BACKSHELL & CONNECTOR INTERFACE DIMS & CABLE ENTRY Shell Size 1 2 3 4 5 6 A 1.203 (30.6) 1.531 (38.9) 2.078 (52.8) 2.718 (69.0) 2.625 (66.7) 2.718 (69.0) B +.020 (0.5) .500 (12.7) .500 (12.7) .500 (12.7) .500 (12.7) .609 (15.5) .670 (17.0) D +.030 (0.8) 1.190 (30.2) 1.270 (32.3) 1.550 (39.4) 1.690 (42.9) 1.670 (42.4) 1.690 (42.9) C +.005 (0.1) .984 (25.0) 1.312 (33.3) 1.852 (47.0) 2.500 (63.5) 2.406 (61.1) 2.500 (63.5) E .440 (11.2) .440 (11.2) .500 (12.7) .500 (12.7) .440 (11.2) .500 (12.7) F +.010 (0.3) .270 (6.9) .395 (10.0) .420 (10.7) .420 (10.7) .529 (13.4) .573 (14.6) G +.015 (0.4) .350 (8.9) .475 (12.1) .500 (12.7) .500 (12.7) .609 (15.5) .653 (16.6) No. of Slots 1 1 2 2 2 2 Symbol B C* G* J LF M N NC NF T U** ZN Finish Cadmium Plate/Olive Drab Black Anodize Anodic Hard Coat Gold Iridite over Cadmium Plate over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Electroless Nickel Cadmium Plate/Olive Drab over Electroless Nickel Zinc Cobalt/Dark Olive Drab Cadmium Plate/Olive Drab over Electroless Nickel Cadmium Plate/Bright over Electroless Nickel Cadmium Plate/Black Zinc-Nickel Alloy/Olive Drab TABLE III: FINISH OPTIONS *Anodize finish is not suitable for EMI shielding or grounding applications. **Applicable to corrosion resisting steel backshells and accesso- ries. Consult factory for other available finishes. |