| Moteur de recherche de fiches techniques de composants électroniques |
|
557T175M Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
557T175M Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2004 Glenair, Inc. Printed in U.S.A. A-74 CAGE Code 06324 1.195 (30.4) ±.031 (.8) Typ. E Typ. Cable Range Style F Strain Relief 1.00 (25.4) Max Typ. RFI/EMI Gasket Optional B C D A #4-40 UNC (2 Places) Typ. G Typ. Connector Retaining Spring .135 (3.4) Max F Style G Gland Nut Style D Dual Spring Strain Relief SHELL SIZES 3, 4, & SHELL SIZES 1 & 2 Shell Sizes 3, 4, & 5 = .300 (7.6) Shell Size 6 = .425 (10.8) 557-175 D-Subminiature G-Spring Solid Backshell 557 T 175 M 2 F0 B 1 F 02 Inner Support Ring Dash No. (Table III), N = No Support Ring F = Strain Relief, G = Gland Nut, D = Dual “G” Spring With Strain Relief 0 = Without EMI Gasket, 1 = With EMI Gasket Jackscrew Type (Page A-4) Basic Part No. Cable Entry Style T = Top Basic Part Number Finish Symbol (Page 3) Shell Size (Table I) Receptacle Mounting (Table II) F0 = Front Mounting R1-R9 = Rear Mounting |
Numéro de pièce similaire - 557T175M |
|
Description similaire - 557T175M |