| Moteur de recherche de fiches techniques de composants électroniques |
|
CS61575-IL1Z Fiches technique(PDF) 14 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS61575-IL1Z Fiches technique(HTML) 14 Page - Cirrus Logic |
|
14 / 34 page ![]() In the Hardware Mode, data at RPOS and RNEG should be sampled on the rising edge of RCLK, the recovered clock. In the Extended Hardware Mode, data at RDATA should be sampled on the falling edge of RCLK. In the Host Mode, CLKE determines the clock polarity for which output data should be sampled as shown in Table 5. Loss of Signal The receiver will indicate loss of signal after power-up, reset or upon receiving 175 consecu- tive zeros. A digital counter counts received zeros, based on RCLK cycles. A zero is received when the RTIP and RRING inputs are below the input comparator slicing threshold level estab- lished by the peak detector. After the signal is removed for a period of time the data slicing threshold leve l decays to approxi ma tely 300 mVpeak. If ACLKI is present during the LOS state, ACLKI is switched into the input of the jitter attenuator, resulting in RCLK matching the frequency of ACLKI. The jitter attenuator buffers any instanta- ne ous ch ang es in p hase between the last recovered clock and the ACLKI reference clock. This means that RCLK will smoothly transition to the new frequency. If ACLKI is not present, then the crystal oscillator of the jitter attenuator is forced to its center frequency. Table 6 shows the status of RCLK upon LOS. Jitter Attenuator The jitter attenuator reduces wander and jitter in the recovered clock signal. It consists of a 32 or 192-bit FIFO, a crystal oscillator, a set of load capacitors for the crystal, and control logic. The jitter attenuator exceeds the jitter attenuation re- quirements of Publications 43802 and REC. G.742. A typical jitter attenuation curve is shown in Figure 12. The CS61575 fully meets AT&T 62411 jitter attenuation requirements. The CS61574A will have a discontinuity in the jitter transfer function when the incoming jitter ampli- tude exceeds approximately 23 UIs. The jitter attenuator works in the following man- ner. The recovered clock and data are input to the FIFO with the recovered clock controlling the FIFO’s write pointer. The crystal oscillator con- trols the FIFO’s read pointer which reads data out of the FIFO and presents it at RPOS and RNEG (or RDATA). RCLK is equivalent to the oscilla- tor’s output. By changing the load capacitance that the IC presents to the crystal, the oscillatior frequency (and RCLK) is adjusted to the average frequency of the recovered signal. Logic deter- mines the phase relationship between the read and write pointers and decides how to adjust the load capacitance of the crystal. Jitter is absorbed in the FIFO according to the jitter transfer characteristic shown in Figure 12. Table 6. RCLK Status at LOS Table 5. Data Output/Clock Relationship CS61574A CS61575 14 DS154F3 -XO¶ &21),'(17,$/ |