Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5513 Fiches technique(PDF) 22 Page - Cirrus Logic

No de pièce CS5513
Description  16-bit and 20-bit, 8-pin ?誇 ADCs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5513 Fiches technique(HTML) 22 Page - Cirrus Logic

Back Button CS5513 Datasheet HTML 18Page - Cirrus Logic CS5513 Datasheet HTML 19Page - Cirrus Logic CS5513 Datasheet HTML 20Page - Cirrus Logic CS5513 Datasheet HTML 21Page - Cirrus Logic CS5513 Datasheet HTML 22Page - Cirrus Logic CS5513 Datasheet HTML 23Page - Cirrus Logic CS5513 Datasheet HTML 24Page - Cirrus Logic CS5513 Datasheet HTML 25Page - Cirrus Logic CS5513 Datasheet HTML 26Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
CS5510/11/12/13
22
DS337F4
4. SPECIFICATION DEFINITIONS
Linearity Error
The deviation of a code from a straight line which connects the two end points of the A/D Converter
transfer function. One end point is located 1/2 LSB below the first code transition and the other end
point is located 1/2 LSB beyond the code transition to all ones. Units in percent of full-scale.
Differential Nonlinearity
The deviation of a code's width from the ideal width. Units in LSBs.
Full Scale Error
The deviation of the last code transition from the ideal [{(VREF) - (V-)} - 3/2 LSB]. Units are in LSBs.
Bipolar Offset
The deviation of the mid-scale transition (111...111 to 000...000) from the ideal (1/2 LSB below the
voltage on the AIN- pin). Units are in LSBs.LK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26