Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5374 Fiches technique(PDF) 43 Page - Cirrus Logic

No de pièce CS5374
Description  Dual High-performance Amplifier & ?誇 Modulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5374 Fiches technique(HTML) 43 Page - Cirrus Logic

Back Button CS5374 Datasheet HTML 36Page - Cirrus Logic CS5374 Datasheet HTML 37Page - Cirrus Logic CS5374 Datasheet HTML 38Page - Cirrus Logic CS5374 Datasheet HTML 39Page - Cirrus Logic CS5374 Datasheet HTML 40Page - Cirrus Logic CS5374 Datasheet HTML 41Page - Cirrus Logic CS5374 Datasheet HTML 42Page - Cirrus Logic CS5374 Datasheet HTML 43Page - Cirrus Logic CS5374 Datasheet HTML 44Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
CS5374
CS5374
DS862PP1
DS862PP1
43
12. ORDERING INFORMATION
13. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by
IPC/JEDEC J-STD-020.
Model Number
Temperature
Package
CS5374-CNZ, lead (Pb) free
-10 to +70 °C
48-Pin QFN
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS5374-CNZ, lead (Pb) free
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44