| Moteur de recherche de fiches techniques de composants électroniques |
|
CS2000CP-CZZ Fiches technique(PDF) 13 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS2000CP-CZZ Fiches technique(HTML) 13 Page - Cirrus Logic |
|
13 / 36 page ![]() CS2000-CP DS761F1 13 Figure 8. Hybrid Analog-Digital PLL 4.2.1 Fractional-N Source Selection for the Frequency Synthesizer The fractional-N value for the frequency synthesizer can be sourced from either a static ratio or a dynamic ratio generated from the digital PLL (see Figure 9). This allows for the selection between operating in the static ratio based Frequency Synthesizer Mode as a simple frequency synthesizer (for frequency gener- ation from the Timing Reference Clock) and in the dynamic ratio based Hybrid PLL Mode (for jitter reduc- tion and clock multiplication). Selection between these two modes can either be made automatically based on the presence of the Frequency Reference Clock or manually through register controls. . Figure 9. Fractional-N Source Selection Overview N Digital Filter Frequency Comparator for Frac-N Generation Frequency Reference Clock Delta-Sigma Fractional-N Frequency Synthesizer Digital PLL and Fractional-N Logic Output to Input Ratio for Hybrid mode Fractional-N Divider Timing Reference Clock PLL Output Voltage Controlled Oscillator Internal Loop Filter Phase Comparator Delta-Sigma Modulator Frequency Reference Clock Output to Input ratio for Hybrid Mode Timing Reference Clock PLL Output Fractional-N Frequency Synthesizer Digital PLL & Fractional-N Logic Output to Input Ratio for Synthesizer Mode N |