Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS2000-OTP Fiches technique(PDF) 27 Page - Cirrus Logic

No de pièce CS2000-OTP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-OTP Fiches technique(HTML) 27 Page - Cirrus Logic

Back Button CS2000-OTP_09 Datasheet HTML 22Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 23Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 24Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 25Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 26Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 27Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 28Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 29Page - Cirrus Logic CS2000-OTP_09 Datasheet HTML 30Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
CS2000-OTP
DS758F1
27
8. PROGRAMMING INFORMATION
Field programming of the CS2000-OTP is achieved using the hardware and software tools included with the
CDK2000. The software tools can be downloaded from www.cirrus.com for evaluation prior to ordering a CDK. The
CDK2000 is designed with built-in features to ease the process of programming small quantities of devices for pro-
totype and small production builds. In addition to its field programming capabilities, the CDK2000 can also be used
for the complete evaluation of programmed CS2000-OTP devices.
The CS2000-OTP can also be factory programmed for large quantity orders. When ordering factory programmed
devices, the CDK should first be used to program and evaluate the desired configuration. When evaluation is com-
plete, the CS2000 Configuration Wizard is used to generate a file containing all device configuration information;
this file is conveyed to Cirrus Logic as a complete specification for the factory programming configuration. Please
contact your local Cirrus Logic sales representative for more information regarding factory programmed parts.
See the CDK2000 datasheet, available at www.cirrus.com, for detailed information on the use of the CDK2000 pro-
gramming and evaluation tools.
Below is a form which represents the information required for programming a device (noted in gray). The “Parameter
Descriptions” section beginning on page 22 describes the functions of each parameter. This form may be used ei-
ther for personal notation for device configuration or it can be filled out and given to a Cirrus representative in con-
junction with the programming file from the CDK2000 as an additional check. The User Defined Ratio may be filled
out in decimal or it may be entered as hex as outlined in “Calculating the User Defined Ratio” on page 26. For all
other parameters mark a ‘0’ or ‘1’ below the parameter name.
OTP Modal and Global Configuration Parameters Form
Modal Configuration Set #0
Ratio 0 (dec)
Ratio 0 (hex)
__ __ : __ __ : __ __ : __ __
RModSel1
RModSel0
AuxOutSrc1 AuxOutSrc0
LockClk1
LockClk0
FracNSrc
Modal Configuration Set #1
Ratio 1 (dec)
Ratio 1 (hex)
__ __ : __ __ : __ __ : __ __
RModSel1
RModSel0
AuxOutSrc1 AuxOutSrc0
LockClk1
LockClk0
FracNSrc
Modal Configuration Set #2
Ratio 2 (dec)
Ratio 2 (hex)
__ __ : __ __ : __ __ : __ __
RModSel1
RModSel0
AuxOutSrc1 AuxOutSrc0
LockClk1
LockClk0
FracNSrc
Modal Configuration Set #3
Ratio 3 (dec)
Ratio 3 (hex)
__ __ : __ __ : __ __ : __ __
RModSel1
RModSel0
AuxOutSrc1 AuxOutSrc0
LockClk1
LockClk0
FracNSrc
Global Configuration Set
AuxLockCfg
RefClkDiv1
RefClkDiv0
ClkOutUnl
LFRatioCfg
M2Cfg2
M2Cfg1
M2Cfg0
ClkIn_BW2
ClkIn_BW1
ClkIn_BW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30