| Moteur de recherche de fiches techniques de composants électroniques |
|
507T175E0902F Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
507T175E0902F Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() © 2006 Glenair, Inc. CAGE Code 06324/0CA77 Printed in U.S.A. GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 www.glenair.com L-19 E-Mail: sales@glenair.com A B C D E F G H J K L M N P HOW TO ORDER 507-175 EMI BACKSHELLS Series Shell Finish Connector Size Cable Entry Code Hardware Option Top Entry 507T175 Side Entry 507S175 45° Entry 507E175 E – Chem Film (Alodyne) J – Cadmium, Yellow Chromate M – Electroless Nickel NF – Cadmium, Olive Drab Z2 – Gold 09 15 21 25 31 37 51 51-2 67 69 100 Omit (Leave Blank) Fillister Head Jackscrew H – Hex Head Jackscrew E – Extended Jackscrew F – Jackpost, Female Sample Part Number 507E175 M 25 04 D E Micro-D Backshells EMI, Banding, Elliptical, One Piece 507-175 17-7PH Stainless Steel Clips attach the backshell to the connector. These backshells accept standard and micro BAND-IT® shield termination straps. Straight, 45° and Right Angle elliptical backshell provides plenty of working room for complicated wiring situations. Rugged One-Piece Aluminum Shell with stainless steel hardware, available in standard nickel plating, or choose optional finishes. Size D E Available on Shell Size In. ± .010 mm. ± 0.25 In. ± .010 mm. ± 0.25 01 .344 8.74 .290 7.37 09 Thru 100 02 .494 12.55 .290 7.37 15 Thru 100 03 .644 16.36 .290 7.37 21 Thru 100 04 .744 18.90 .304 7.72 25 Thru 100 05 .894 21.34 .304 7.72 31 Thru 100 06 .994 25.25 .304 7.72 37 Thru 100 07 1.044 26.52 .304 7.72 37 and 100 08 1.024 26.01 .384 9.75 100 |
Numéro de pièce similaire - 507T175E0902F |
|
Description similaire - 507T175E0902F |