Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI2125 Fiches technique(PDF) 8 Page - Vicor Corporation

No de pièce PI2125
Description  30 Volt, 12 Amp Full-Function Active ORing Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2125 Fiches technique(HTML) 8 Page - Vicor Corporation

Back Button PI2125 Datasheet HTML 4Page - Vicor Corporation PI2125 Datasheet HTML 5Page - Vicor Corporation PI2125 Datasheet HTML 6Page - Vicor Corporation PI2125 Datasheet HTML 7Page - Vicor Corporation PI2125 Datasheet HTML 8Page - Vicor Corporation PI2125 Datasheet HTML 9Page - Vicor Corporation PI2125 Datasheet HTML 10Page - Vicor Corporation PI2125 Datasheet HTML 11Page - Vicor Corporation PI2125 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
A gate voltage detector prevents FOC or FWD from
initiating a fault when the MOSFET is in an OFF
condition.
The only fault condition that initiates gate turn-off of
the MOSFET (as well as a fault flag signal) is when
the reverse current fault conditions are met. All other
fault conditions issue only a fault flag signal via the
FT pin, but do not affect the gate of the MOSFET.
The FT pin serves as an indicator that a fault
condition may be present. This information can be
reported to a Host to signal that some system level
maintenance may be required.
Figure 3
: PI2125 Internal Block Diagram
Figure 4:
Comparator hysteresis, values are for reference only. Please refer to the electrical specifications.
Picor Corporation • picorpower.com
PI2125
Rev 1.0
Page 8 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20