| Moteur de recherche de fiches techniques de composants électroniques |
|
447LS330XM20 Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
447LS330XM20 Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() A-83 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2009 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com A B C D E F G 447-330 Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief and Self-Locking Rotatable Coupling Max Entry Dash No** 08 12 16 20 24 28 32 36 40 44 G ± .09 (2.3) 1.19 (30.2) 1.25 (31.8) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.47 (37.3) 1.56 (39.6) 1.63 (41.4) 1.69 (42.9) 1.78 (45.2) TABLE II: CONNECTOR SHELL SIZE F ± .09 (2.3) .88 (22.4) 1.00 (25.4) 1.13 (28.7) 1.31 (33.3) 1.38 (35.1) 1.44 (36.6) 1.63 (41.4) 1.75 (44.5) 1.88 (47.8) 2.13 (54.1) E ± .06 (1.5) .69 (17.5) .75 (19.1) .81 (20.6) .88 (22.4) .94 (23.9) .97 (24.6) 1.06 (26.9) 1.13 (28.7) 1.19 (30.2) 1.34 (34.0) **Consult factory for additional entry sizes available. Shell Size For Connector Designator* A 08 10 12 14 16 18 20 22 24 28 F/L 08 10 12 14 16 18 20 22 24 – H 09 11 13 15 17 19 21 23 25 – G – – 11 13 15 17 19 – 23 25 U – 08 10 12 14 16 18 20 22 24 TABLE III: FINISH Symbol Finish Description XM 2000 Hour Corrosion Resistant Electroless Nickel XMT 2000 Hour Corrosion Resistant Ni-PTFE, Nickel- Fluorocarbon Polymer. 1000 Hour GreyTM XW 2000 Hour Corrosion Resistant Cadmium/Olive Drab over Electroless Nickel TABLE IV: CABLE ENTRY Cable Range Entry Code 08 12 16 20 24 28 32 36 40 44 H ±.06 (1.5) .72 (18.3) .91 (23.1) 1.09 (27.7) 1.22 (31.0) 1.34 (34.0) 1.53 (38.9) 1.72 (43.7) 1.85 (47.0) 1.97 (50.0) 2.09 (53.1) J ±.06 (1.5) .97 (24.6) 1.11 (28.2) 1.21 (30.7) 1.21 (30.7) 1.21 (30.7) 1.36 (34.5) 1.51 (38.4) 1.51 (38.4) 1.51 (38.4) 1.63 (41.4) Minimum .10 (2.5) .20 (5.1) .33 (8.4) .45 (11.4) .52 (13.2) .64 (16.3) .77 (19.6) .86 (21.8) .98 (24.9) 1.13 (28.6) Entry Dia. ±.03 (0.8) .25 (6.4) .38 (9.7) .50 (12.7) .63 (15.9) .75 (19.1) .88 (22.2) 1.00 (25.4) 1.13 (28.6) 1.25 (31.8) 1.38 (35.1) Maximum .25 (6.4) .38 (9.7) .50 (12.7) .63 (15.9) .75 (19.1) .88 (22.2) 1.00 (25.4) 1.13 (28.6) 1.25 (31.8) 1.38 (35.1) * Entry diameter equals maximum wire bundle diameter. ** Cable range equals cable outer diameter. |