| Moteur de recherche de fiches techniques de composants électroniques |
|
443FS009NF16 Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
443FS009NF16 Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 443 - Page 3 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G, and H will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. O-Ring not supplied with Connector Designator A. 4. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation. TABLE III: ELBOW DIMENSIONS A-F-L-S 08 10 12 14 16 18 20 22 24 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 E Max .639 (16.2) .664 (16.9) .688 (17.5) .705 (17.9) .732 (18.6) .748 (19.0) .773 (19.6) .800 (20.3) .823 (20.9) H Max 1.500 (38.1) 1.550 (39.4) 1.610 (40.9) 1.680 (42.7) 1.740 (44.2) 1.760 (44.7) 1.820 (46.2) 1.900 (48.3) 1.970 (50.0) F Max 1.380 (35.1) 1.410 (35.8) 1.430 (36.3) 1.460 (37.1) 1.480 (37.6) 1.490 (37.8) 1.510 (38.4) 1.550 (39.4) 1.580 (40.1) G Max .750 (19.1) .810 (20.6) .870 (22.1) .920 (23.4) .980 (24.9) 1.020 (25.9) 1.080 (27.4) 1.140 (29.0) 1.200 (30.5) See inside back cover fold-out or pages 13 and 14 for Tables I and II. TABLE X: CABLE ENTRY Clamp Size 04 06 08 10 12 16 20 24 28 T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) Min .125 (3.2) .250 (6.4) .387 (9.8) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) Cable Range Cable Range STYLE H Heavy Duty (Table X) STYLE A Medium Duty (Table XI) STYLE D Medium Duty (Table XI) STYLE M Medium Duty (Table XI) W V Y Y Cable Range X Cable Range .135 (3.4) Max Z T Cable Entry Z Max .630 (16.0) .755 (19.2) .942 (23.9) 1.067 (27.1) 1.192 (30.3) 1.380 (35.1) 1.535 (39.0) 1.848 (46.9) 2.255 (57.3) 2.505 (63.6) Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) Clamp Size 03* 04* 06* 08 10 12 16 20 24 28 X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) Min ** .156 (4.0) .188 (4.8) .281 (7.1) .387 (9.8) .375 (9.5) .438 (11.1) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) Cable Range * Not available in Style M clamp. ** Not Applicable Style D W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) TABLE XI: CABLE ENTRY Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24 J Dia .125 (3.2) .188 (4.8) .250 (6.4) .312 (7.9) .375 (9.5) .438 (11.1) .500 (12.7) .562 (14.3) .625 (15.9) .688 (17.5) .750 (19.1) .812 (20.6) .875 (22.2) .938 (23.8) 1.000 (25.4) 1.062 (27.0) 1.125 (28.6) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1) Clamp Size 03 03 03 04 06 06 08 10 10 12 12 16 16 16 20 20 20 20 24 28 TABLE IV: CABLE ENTRY 443-009 Submersible EMI/RFI Cable Sealing Backshell Band-in-a-Can with Strain-Relief Rotatable Coupling - Standard Profile |