Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

443FS009NF12 Fiches technique(PDF) 2 Page - Glenair, Inc.

No de pièce 443FS009NF12
Description  Submersible EMI/RFI Cable Sealing Backshell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

443FS009NF12 Fiches technique(HTML) 2 Page - Glenair, Inc.

  443FS009NF12 Datasheet HTML 1Page - Glenair, Inc. 443FS009NF12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 443 - Page 3
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum
cable entry (page 21)
is exceeded, Style 2
will be supplied.
Dimensions E, F, G,
and H will not apply.
Please consult
factory.
2. Metric dimensions
(mm) are indicated
in parentheses.
3. O-Ring not supplied
with Connector
Designator A.
4. Backshells supplied
with 600-052-* band,
see Glenair Series
600 Tool Catalog for
installation.
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
E
Max
.639 (16.2)
.664 (16.9)
.688 (17.5)
.705 (17.9)
.732 (18.6)
.748 (19.0)
.773 (19.6)
.800 (20.3)
.823 (20.9)
H
Max
1.500 (38.1)
1.550 (39.4)
1.610 (40.9)
1.680 (42.7)
1.740 (44.2)
1.760 (44.7)
1.820 (46.2)
1.900 (48.3)
1.970 (50.0)
F
Max
1.380 (35.1)
1.410 (35.8)
1.430 (36.3)
1.460 (37.1)
1.480 (37.6)
1.490 (37.8)
1.510 (38.4)
1.550 (39.4)
1.580 (40.1)
G
Max
.750 (19.1)
.810 (20.6)
.870 (22.1)
.920 (23.4)
.980 (24.9)
1.020 (25.9)
1.080 (27.4)
1.140 (29.0)
1.200 (30.5)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE X: CABLE ENTRY
Clamp
Size
04
06
08
10
12
16
20
24
28
T
Max
.780 (19.8)
.780 (19.8)
.780 (19.8)
.780 (19.8)
.811 (20.6)
.905 (23.0)
1.092 (27.7)
1.124 (28.5)
1.399 (35.5)
Min
.125
(3.2)
.250
(6.4)
.387
(9.8)
.350
(8.9)
.500 (12.7)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
Max
.312
(7.9)
.437 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.937 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
V
Max
.957 (24.3)
1.145 (29.1)
1.332 (33.8)
1.332 (33.8)
1.551 (39.4)
1.770 (45.0)
2.113 (53.7)
2.363 (60.0)
2.770 (70.4)
Cable Range
Cable
Range
STYLE H
Heavy Duty (Table X)
STYLE A
Medium Duty (Table XI)
STYLE D
Medium Duty (Table XI)
STYLE M
Medium Duty (Table XI)
W
V
Y
Y
Cable
Range
X
Cable
Range
.135 (3.4)
Max
Z
T
Cable
Entry
Z
Max
.630 (16.0)
.755 (19.2)
.942 (23.9)
1.067 (27.1)
1.192 (30.3)
1.380 (35.1)
1.535 (39.0)
1.848 (46.9)
2.255 (57.3)
2.505 (63.6)
Max
.250
(6.4)
.312
(7.9)
.438 (11.1)
.562 (14.3)
.625 (15.9)
.750 (19.1)
.938 (23.8)
1.250 (31.8)
1.375 (34.9)
1.625 (41.3)
Clamp
Size
03*
04*
06*
08
10
12
16
20
24
28
X
Max
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
.760 (19.3)
1.073 (27.3)
1.323 (33.6)
1.323 (33.6)
1.572 (39.9)
Min **
.156
(4.0)
.188
(4.8)
.281
(7.1)
.387
(9.8)
.375
(9.5)
.438 (11.1)
.625 (15.9)
.875 (22.2)
1.000 (25.4)
1.250 (31.8)
Y
Max
.843 (21.4)
.906 (23.0)
1.093 (27.8)
1.187 (30.1)
1.281 (32.5)
1.500 (38.1)
1.719 (43.7)
2.062 (52.4)
2.312 (58.7)
2.719 (69.1)
Cable Range
* Not available in Style M clamp.
** Not Applicable Style D
W
Max
.437 (11.1)
.437 (11.1)
.500 (12.7)
.563 (14.3)
.563 (14.3)
.563 (14.3)
.656 (16.7)
.656 (16.7)
.656 (16.7)
1.188 (30.2)
TABLE XI: CABLE ENTRY
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
J
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
Clamp
Size
03
03
03
04
06
06
08
10
10
12
12
16
16
16
20
20
20
20
24
28
TABLE IV: CABLE ENTRY
443-009
Submersible EMI/RFI Cable Sealing Backshell
Band-in-a-Can with Strain-Relief
Rotatable Coupling - Standard Profile



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com