Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

440LS075NF20 Fiches technique(PDF) 2 Page - Glenair, Inc.

No de pièce 440LS075NF20
Description  EMI/RFI Banding Adapter Self-Locking Rotatable Coupling - Standard Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

440LS075NF20 Fiches technique(HTML) 2 Page - Glenair, Inc.

  440LS075NF20 Datasheet HTML 1Page - Glenair, Inc. 440LS075NF20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 440 - Page 55
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
1. When maximum cable entry (page
21) is exceeded, Style 2 will be
supplied. Dimensions F, G, H and J
will not apply. Please consult
factory.
2. Metric dimensions (mm) are
indicated in parentheses.
3. Consult factory for shorter lengths
on straight backshells.
4. Backshells supplied with 600-052-*
band, see Glenair Series 600 Tool
Catalog for installation.
TABLE III: ELBOW DIMENSIONS
A-F-L-S
08
10
12
14
16
18
20
22
24
Shell Size
Conn. Desig.
H
09
11
13
15
17
19
21
23
25
F
Max
.795 (20.2)
.820 (20.8)
.844 (21.4)
.861 (21.9)
.888 (22.6)
.904 (23.0)
.929 (23.6)
.956 (24.3)
.979 (24.9)
J
Max
1.000 (25.4)
1.060 (26.9)
1.120 (28.4)
1.190 (30.2)
1.250 (31.8)
1.270 (32.3)
1.330 (33.8)
1.410 (35.8)
1.480 (37.6)
G
Max
.890 (22.6)
.920 (23.4)
.940 (23.9)
.970 (24.6)
.990 (25.1)
1.000 (25.4)
1.020 (25.9)
1.060 (26.9)
1.090 (27.7)
H
Max
.906 (23.0)
.966 (24.5)
1.026 (26.1)
1.076 (27.3)
1.136 (28.9)
1.176 (29.9)
1.236 (31.4)
1.296 (32.9)
1.356 (34.4)
L
Dia
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.188 (30.2)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
Dash
No.
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
20
22
24
K
Dia
.125
(3.2)
.188
(4.8)
.250
(6.4)
.312
(7.9)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.562 (14.3)
.625 (15.9)
.688 (17.5)
.750 (19.1)
.812 (20.6)
.875 (22.2)
.938 (23.8)
1.000 (25.4)
1.062 (27.0)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
TABLE IV: CABLE ENTRY
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
440-075
EMI/RFI Banding Adapter
Self-Locking Rotatable Coupling - Standard Profile



Html Pages

1 2