Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B048F030M21 Fiches technique(PDF) 2 Page - Vicor Corporation

No de pièce B048F030M21
Description  BCM Bus Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F030M21 Fiches technique(HTML) 2 Page - Vicor Corporation

  B048F030M21 Datasheet HTML 1Page - Vicor Corporation B048F030M21 Datasheet HTML 2Page - Vicor Corporation B048F030M21 Datasheet HTML 3Page - Vicor Corporation B048F030M21 Datasheet HTML 4Page - Vicor Corporation B048F030M21 Datasheet HTML 5Page - Vicor Corporation B048F030M21 Datasheet HTML 6Page - Vicor Corporation B048F030M21 Datasheet HTML 7Page - Vicor Corporation B048F030M21 Datasheet HTML 8Page - Vicor Corporation B048F030M21 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048F030T21
Rev. 2.6
Page 2 of 12
V•I Chip Bus Converter Module
Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
38
48
55
Vdc
Input dV/dt
1
V/µs
Input undervoltage turn-on
37.4
Vdc
Input undervoltage turn-off
32.0
Vdc
Input overvoltage turn-on
55.1
Vdc
Input overvoltage turn-off
59.5
Vdc
Input quiescent current
2.6
mA
PC low
Inrush current overshoot
1.7
A
Using test circuit in Figure 20; See Figure 1
Input current
4.8
Adc
Input reflected ripple current
182
mA p-p
Using test circuit in Figure 20; See Figure 4
No load power dissipation
3.0
4.6
W
Internal input capacitance
4
µF
Internal input inductance
5
nH
Recommended external input capacitance
47
µF
200 nH maximum source inductance; See Figure 20
Input (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 1 — Inrush transient current at full load and 48 Vin with PC enabled
Figure 2 — Output voltage turn-on waveform with PC enabled at full load
and 48 Vin
Figure 3 — Output voltage turn-on waveform with input turn-on at full
load and 48 Vin
Figure 4 — Input reflected ripple current at full load and 48 Vin
Input Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12