| Moteur de recherche de fiches techniques de composants électroniques |
|
400AC015M08 Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
400AC015M08 Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 40 - Page 21 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 See inside back cover fold-out or pages 13 and 14 for Tables I and II. Dash No. 02 03 04 05 06 07 08 09 10 N Max .545 (13.8) .670 (17.0) .795 (20.2) .920 (23.4) 1.045 (26.5) 1.170 (29.7) 1.295 (32.9) 1.420 (36.1) 1.670 (42.4) Cable Entry Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE IV: CABLE ENTRY Cable Range P Max .968 (24.6) 1.046 (26.6) 1.156 (29.4) 1.218 (30.9) 1.343 (34.1) 1.468 (37.3) 1.593 (40.5) 1.718 (43.6) 1.843 (46.8) Dash No. 02 03 04 05 06 07 08 09 10 Min .125 (3.2) .250 (6.4) .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .750 (19.1) .875 (22.2) Max .250 (6.4) .375 (9.5) .500 (12.7) .625 (15.9) .750 (19.1) .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) TABLE V: CABLE ENTRY 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied (not available in Function C). Dimensions F, G, H and J will not apply. Please consult factory. 2. Metric dimensions (mm) are indicated in parentheses. 3. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not intended for inspection criteria. 4. Angular function "C", low-profile split elbow, not available with "S" connector designator. 400-015 TAG® Ring Backshell with Strain Relief Self-Locking Rotatable Coupling - Split Shell TABLE III: DIMENSIONS Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 F Max .596 (15.1) .656 (16.7) .716 (18.2) .776 (19.7) .836 (21.2) .906 (23.0) .976 (24.8) 1.036 (26.3) 1.096 (27.8) H Max .836 (21.2) .906 (23.0) .966 (24.5) 1.026 (26.1) 1.086 (27.6) 1.156 (29.4) 1.216 (30.9) 1.276 (32.4) 1.336 (33.9) J Max 1.440 (36.6) 1.500 (38.1) 1.570 (39.9) 1.600 (40.6) 1.700 (43.2) 1.760 (44.7) 1.820 (46.2) 1.880 (47.8) 1.940 (49.3) G Max 1.500 (38.1) 1.560 (39.6) 1.630 (41.4) 1.660 (42.2) 1.760 (44.7) 1.820 (46.2) 1.880 (47.8) 1.940 (49.3) 2.000 (50.8) L Max 2.060 (52.3) 2.220 (56.4) 2.220 (56.4) 2.290 (58.2) 2.340 (59.4) 2.370 (60.2) 2.370 (60.2) 2.520 (64.0) 2.520 (64.0) M Max .837 (21.3) .887 (22.5) .887 (22.5) .987 (25.1) 1.137 (28.9) 1.337 (34.0) 1.337 (34.0) 1.337 (34.0) 1.337 (34.0) K Ref .496 (12.6) .426 (10.8) .426 (10.8) .436 (11.1) .576 (14.6) .796 (20.2) .796 (20.2) .696 (17.7) .696 (17.7) Function C Max Wire Bundle .250 (6.4) .375 (9.5) .375 (9.5) .500 (12.7) .625 (15.9) .625 (15.9) .625 (15.9) .750 (19.1) .750 (19.1) |