Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NeChip Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 2Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 3Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 4Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 5Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 6Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
NePort Hardware Description
1. NePort Internal Structure
NePort Integrate nechip,PHY,OSC,Reset and power circuit.
Chart2-1. Internal Structure
2. NePort Internal Circuit
Chart2-2. Function Circuit
3. PCB Interface
NePort can provide up to three high speed serial ports with standard CMOS signals which can
tolerate 5V TTL signals. In the real application, neport’s serial port directly connect to the
local CPU(or other processor) , then user devices can connect to Ethernet through neport
now,serial data from local cpu will be sent to neport,and neport will convert the data from
serial port to Ethernet according to the networking configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18