Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NeChip Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce NeChip
Description  Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

NeChip Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button NeChip Datasheet HTML 7Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 8Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 9Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 10Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 11Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 12Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 13Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 14Page - List of Unclassifed Manufacturers NeChip Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
3. Had better provide isolated/independent power(3.3V) for neport
Chart2-7. Recommended PCB Capsulation
NePort has integrated power-on reset circuit inside, no need external circuit to
power-on reset neport, so reset pin can be left unconnected, if user need reset neport by
additional I/O provided by MCU/DSP, we will recommend the follow application circuit.
Chart2-8. Recommended application circuit
Back
Front
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18