| Moteur de recherche de fiches techniques de composants électroniques |
|
370AP024B16 Fiches technique(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
370AP024B16 Fiches technique(HTML) 2 Page - Glenair, Inc. |
|
2 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 37 - Page 27 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 1. Metric dimensions (mm) are indicated in parentheses. 2. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown are not in- tended for inspection criteria. 3. Interface O-Ring not supplied with connector designator A. A-F-L-S 08 10 12 14 16 18 20 22 24 Shell Size Conn. Desig. H 09 11 13 15 17 19 21 23 25 F Max 1.188 (30.2) 1.188 (30.2) 1.188 (30.2) 1.188 (30.2) 1.438 (36.5) 1.438 (36.5) 1.438 (36.5) 1.688 (42.9) 1.688 (42.9) H Max 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.281 (57.9) 2.281 (57.9) 2.281 (57.9) 2.406 (61.1) 2.406 (61.1) G Max 1.938 (49.2) 1.938 (49.2) 1.938 (49.2) 1.938 (49.2) 2.062 (52.4) 2.062 (52.4) 2.062 (52.4) 2.188 (55.6) 2.188 (55.6) See inside back cover fold-out or pages 13 and 14 for unabridged Tables I and II. J Max 1.938 (49.2) 1.938 (49.2) 1.938 (49.2) 1.938 (49.2) 2.062 (52.4) 2.062 (52.4) 2.062 (52.4) 2.188 (55.6) 2.188 (55.6) K Max 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.156 (54.8) 2.281 (57.9) 2.281 (57.9) 2.281 (57.9) 2.406 (61.1) 2.406 (61.1) N Max 2.281 (57.9) 2.406 (61.1) 2.406 (61.1) 2.406 (61.1) 2.656 (67.5) 2.656 (67.5) 2.906 (73.8) Dash No. 08 10 12 16 20 24 28 L Max 1.438 (36.5) 1.688 (42.9) 1.688 (42.9) 1.688 (42.9) 2.188 (55.6) 2.188 (55.6) 2.688 (68.3) P Max 2.062 (52.4) 2.188 (55.6) 2.188 (55.6) 2.188 (55.6) 2.438 (61.9) 2.438 (61.9) 2.688 (68.3) R Max 2.281 (57.9) 2.406 (61.1) 2.406 (61.1) 2.406 (61.1) 2.656 (67.5) 2.656 (67.5) 2.906 (73.8) M Max 2.062 (52.4) 2.188 (55.6) 2.188 (55.6) 2.188 (55.6) 2.438 (61.9) 2.438 (61.9) 2.688 (68.3) TABLE IV: DIMENSIONS TABLE III: DIMENSIONS TABLE X: CABLE ENTRY Dash No. 04 06 08 10 12 16 20 24 28 T Max .780 (19.8) .780 (19.8) .780 (19.8) .780 (19.8) .811 (20.6) .905 (23.0) 1.092 (27.7) 1.124 (28.5) 1.399 (35.5) Min .125 (3.2) .250 (6.4) .387 (9.8) .350 (8.9) .500 (12.7) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) Max .312 (7.9) .437 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .937 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) V Max .957 (24.3) 1.145 (29.1) 1.332 (33.8) 1.332 (33.8) 1.551 (39.4) 1.770 (45.0) 2.113 (53.7) 2.363 (60.0) 2.770 (70.4) Cable Range TABLE II: STANDARD FINISHES GLENAIR SYMBOL B C G M NF FINISH Cadmium Plate, Olive Drab Anodize, Black Hard Coat, Anodic Electroless Nickel Cadmium Plate, Olive Drab Over Electroless Nickel See Inside Back Cover for Additional Finish Options 370-024 Submersible Split Shell Cable Sealing Backshell with Strain Relief Low Profile - Self-Locking - Rotatable Coupling Z Max .630 (16.0) .755 (19.2) .942 (23.9) 1.067 (27.1) 1.192 (30.3) 1.380 (35.1) 1.535 (39.0) 1.848 (46.9) 2.255 (57.3) 2.505 (63.6) 2.755 (70.0) Max .250 (6.4) .312 (7.9) .438 (11.1) .562 (14.3) .625 (15.9) .750 (19.1) .938 (23.8) 1.250 (31.8) 1.375 (34.9) 1.625 (41.3) 1.875 (47.6) Dash No. 03* 04* 06* 08 10 12 16 20 24 28 32* X Max .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) .760 (19.3) 1.073 (27.3) 1.323 (33.6) 1.323 (33.6) 1.572 (39.9) 1.572 (39.9) Min ** .156 (4.0) .188 (4.8) .281 (7.1) .387 (9.8) .375 (9.5) .438 (11.1) .625 (15.9) .875 (22.2) 1.000 (25.4) 1.250 (31.8) 1.437 (36.5) Y Max .843 (21.4) .906 (23.0) 1.093 (27.8) 1.187 (30.1) 1.281 (32.5) 1.500 (38.1) 1.719 (43.7) 2.062 (52.4) 2.312 (58.7) 2.719 (69.1) 2.969 (75.4) Cable Range * Not available in Style M clamp. ** Not Applicable Style D W Max .437 (11.1) .437 (11.1) .500 (12.7) .563 (14.3) .563 (14.3) .563 (14.3) .656 (16.7) .656 (16.7) .656 (16.7) 1.188 (30.2) 1.187 (30.1) TABLE XI: CABLE ENTRY |