| Moteur de recherche de fiches techniques de composants électroniques |
|
CMLSH2-4LS Fiches technique(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CMLSH2-4LS Fiches technique(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 3 page ![]() CMLSH2-4LA LEAD CODE: 1) CATHODE D1 2) CATHODE D2 3) ANODE D3, D4 4) CATHODE D4 5) CATHODE D3 6) ANODE D1, D2 MARKING CODE: 4AL Central Semiconductor Corp. TM SOT-563 CASE - MECHANICAL OUTLINE CMLSH2-4LA CMLSH2-4LS CMLSH2-4LC CMLSH2-4LSB SURFACE MOUNT DUAL PAIR, LOW VF SILICON SCHOTTKY DIODES PIN CONFIGURATIONS R2 (17-August 2009) CMLSH2-4LC LEAD CODE: 1) ANODE D1 2) ANODE D2 3) CATHODE D3, D4 4) ANODE D4 5) ANODE D3 6) CATHODE D1, D2 MARKING CODE: 4CL CMLSH2-4LS LEAD CODE: 1) ANODE D1 2) CATHODE D2 3) ANODE D3, CATHODE D4 4) ANODE D4 5) CATHODE D3 6) CATHODE D1, ANODE D2 MARKING CODE: 4SL CMLSH2-4LSB LEAD CODE: 1) ANODE D1 2) ANODE D2 3) CATHODE D2, ANODE D4 4) CATHODE D4 5) CATHODE D3 6) CATHODE D1, ANODE D3 MARKING CODE: 4SB SUGGESTED MOUNTING PAD CONFIGURATION (FOR CMLSH2-4LSB BRIDGE RECTIFIER) |