| Moteur de recherche de fiches techniques de composants électroniques |
|
189-047-Z1-R609-6 Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
189-047-Z1-R609-6 Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() I-34 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com 189-047 (6) Plug Plug Protective Cover for Single Channel 180-071 Fiber Optic Connector Product Series Basic Number Finish (Table III) Attachment Symbol (Table I) 6 - Plug Dash No. (Table II) Attachment length (Inches) 189-047-M-S 6 03-6 APPLICATION NOTES 1. Assembly packaged in plastic bag and tag identified with manufacturer's name and part number. 2. Material/Finish: Cover: Aluminum Alloy/See Table III. Gasket: Fluorosilicone. Attachments: see Table I. 3. Metric dimensions (mm) are in parentheses. DASH NO 07 THRU 12 D SOLID RING 6 - PLUG .580 (14.7) Max. Gasket ø D .375-.05p-.1L-DS-2A Length Knurl |
Numéro de pièce similaire - 189-047-Z1-R609-6 |
|
Description similaire - 189-047-Z1-R609-6 |