| Moteur de recherche de fiches techniques de composants électroniques |
|
370LS005B08 Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
370LS005B08 Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com Series 37 - Page 20 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2005 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 CONNECTOR DESIGNATORS A-F-H-L-S ROTATABLE COUPLING 370 F S 005 M 16 10 L 6 Product Series Connector Designator Angle and Profile A = 90° B = 45° S = Straight Basic Part No. Length: S only (1/2 inch incre- ments: e.g. 6 = 3 inches) Strain Relief Style (L,G) Cable Entry (Tables IV, V) Shell Size (Table III) Finish (Table II) STYLE L Light Duty (Table IV) J .850 (21.6) Max Cable Range STYLE G Light Duty (Table V) .072 (1.8) Max K Cable Range STYLE 2 (STRAIGHT See Note 1) STYLE 2 (45° & 90° See Note 1) .88 (22.4) Max Length ± .060 (1.52) Min. Order Length 2.0 Inch (See Note 6) C Typ. (Table I) A Thread (Table I) .312 (7.9) Max * Length ± .060 (1.52) Min. Order Length 1.5 Inch (See Note 6) Length * F (Table III) E (Table III) O-Rings 370-005 Splash-Proof Cable Sealing Backshell with Strain Relief Low Profile - Rotatable Coupling G (Table III) H (Table III) |
Numéro de pièce similaire - 370LS005B08 |
|
Description similaire - 370LS005B08 |