Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ITH03FFA24SW Fiches technique(PDF) 2 Page - Glenair, Inc.

No de pièce ITH03FFA24SW
Description  Box Mount Receptacle Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GLENAIR [Glenair, Inc.]
Site Internet  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITH03FFA24SW Fiches technique(HTML) 2 Page - Glenair, Inc.

  ITH03FFA24SW Datasheet HTML 1Page - Glenair, Inc. ITH03FFA24SW Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
13
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
U.S. CAGE Code 06324
TABLE I: DIMENSIONS
ITH 03FF A and ITH 03FP A
ITH 03FF R and ITH 03FP R
Box Mount Receptacle Assembly
for Rear Panel Mounting
Book1
D1
E
L2
L3
L4
Shell Size
+0
FF
FP
F thread
A
R
+0.4
-0.15
H13
±0.3
±0.3
-0
18
30.8
M4
3.2
27.0
1.0000 - 20UNEF
50.0
58.0
23.05
4.0
35.0
20
34.2
M4
3.2
29.4
1.1250 - 18UNEF
50.0
58.0
23.05
4.0
38.0
22
37.4
M4
3.2
31.8
1.2500 - 18UNEF
50.0
58.0
23.05
4.0
41.0
24
40.9
M4
3.7
34.9
1.3750 - 18UNEF
50.0
58.0
23.05
4.0
44.5
28
46.7
M5
3.7
39.7
1.6250 - 18UNEF
50.0
58.0
24.05
4.0
50.8
32
53.4
M5
4.3
44.5
1.8750 - 16UN
50.0
58.0
24.05
4.0
57.0
36
59.6
M5
4.3
49.2
2.0625 - 16UN
50.0
58.0
24.05
4.0
63.5
40
65.5
M5
4.3
55.5
2.3125 - 16UN
50.0
58.0
24.05
4.0
69.9
D2
±0.3
±0.1
±0.2
L1
Pagina 1
CONTACT OPTIONS
Sym Description
B0
Connector less contacts
Omit for standard version (Gold Plated
Copper Alloy Contacts Supplied)
FINISH OPTIONS
Sym Description
F2
Bright Nickel Plating
F6
Black Electrodeposited Paint
F8
Olive Drab Zn-Co Plating
Omit for standard version
(Cad free / black passivation Finish)
TABLE II: MODIFICATION CODES



Html Pages

1 2