| Moteur de recherche de fiches techniques de composants électroniques |
|
ITH03FFA22SW Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
ITH03FFA22SW Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
1 / 2 page ![]() www.glenair.com E-Mail: sales@glenair.com 12 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2006 Glenair, Inc. Printed in U.S.A. U.S. CAGE Code 06324 L2 D1 L3 F L1 (R) L1 (A) E L4 D2 (FF) D2 (FP) Application Notes: 1. Box mount receptacle connector with square flange for front or rear panel mounting. Optional threaded or through mounting holes. 2. Environmental class A (non-environmental) not supplied with grommet; Class R (environmental) supplied with grommet. 3. Standard shell materials configuration consists of aluminum alloy with cadmium free conductive plating and black passivation. 4. Standard contact material consists of copper alloy with gold plating. 5. A broad range of other front and rear connector accessories are available. See our website and/or contact the factory for complete information. 6. Standard insert material is Low fire hazard plastic UL94V0, IAW Article 3, ITH 03FF A and ITH 03FP A ITH 03FF R and ITH 03FP R Box Mount Receptacle Connector for Rear Panel Mounting ITH = Plastic Insert and Standard Contacts (See Notes #4, 6) 03FF = Rear Mounting Receptacle with Threaded Holes 03FP = Rear Mounting Receptacle with Through Holes Environmental Class A - Non-Environmental R - Environmental ITH 03FF A 28-21 P Y XXX Mod Code Option (See Table II) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal (See Page 6) Contact Gender P - Pin S - Socket Shell Size and Insert Arrangement (See Page 7) |
Numéro de pièce similaire - ITH03FFA22SW |
|
Description similaire - ITH03FFA22SW |