| Moteur de recherche de fiches techniques de composants électroniques |
|
MS3105 Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
MS3105 Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2003 Glenair, Inc. Printed in U.S.A. CAGE Codes 06324 F-6 E-Mail: sales@glenair.com www.glenair.com MS3100 B MIL-C-5015 MS3100 Receptacle, Wall Mtg (Solder) MS3101 B MIL-C-5015 MS3100 Receptacle MS3102 ** MIL-C-5015 MS3100 Receptacle, Box Mtg (Solder) MS3103 ** MIL-C-5015 MS3100 Receptacle, Potting (Solder) MS3105 ** MIL-C-5015 MS3100 Dummy Receptacle MS3106 B MIL-C-5015 MS3100 Plug, Straight (Solder) MS3107 B MIL-C-5015 MS3100 Plug, Quick Disconnect (Solder) MS3108 B MIL-C-5015 MS3100 Plug, 90 ° (Solder) MS3110 D-729 MIL-C-26482 1 Receptacle, Wall Mtg MS3111 D MIL-C-26482 1 Plug, Cable Connecting MS3112 ** MIL-C-26482 1 Receptacle, Box Mtg MS3113 ** MIL-C-26482 1 Receptacle, Solder Mtg MS3114 D-717 MIL-C-26482 1 Receptacle, Jam Nut MS3115 ** MIL-C-26482 1-2 Dummy Receptacle MS3116 D MIL-C-26482 1 Plug, Straight MS3119 ** MIL-C-26482 1 Receptacle, Thru-Bulkhead MS3120 D MIL-C-26482 1 Receptacle, Wall Mtg, (Crimp) MS3121 D MIL-C-26482 1 Plug, Straight (Crimp) MS3122 ** MIL-C-26482 1 Receptacle, Box Mtg, (Crimp) MS3124 D-717 MIL-C-26482 1 Receptacle, Rear Mtg, Jam Nut (Crimp) MS3126 D MIL-C-26482 1 Plug, Straight (Crimp) MS3127 ** MIL-C-26482 1 Receptacle, Box Mtg (Crimp) MS3128 * MIL-C-26482 1 Receptacle, Wall Mtg (Crimp) MS3130 * MIL-C-81703 1 Receptacle, Push Pull, Wide Flange MS3132 X-706 MIL-C-81703 1 Receptacle, Push Pull, Box Mtg MS3134 X-706 MIL-C-81703 1 Receptacle, Push Pull, Jam Nut MS3135 ** MIL-C-81703 1 Dummy Receptacle MS3137 X-706 MIL-C-81703 1 Plug, Straight, Push Pull MS3138 X-706 MIL-C-81703 1 Plug, Lanyard, Push Pull MS3139 ** MIL-C-81703 1 Receptacle, Thru-Bulkhead MS3140 X-706B MIL-C-81703 2 Receptacle, Push Pull, Wall Mtg MS3142 ** MIL-C-5015 MS3100 Receptacle, Hermetic, Box Mtg MS3143 ** MIL-C-5015 MS3100 Receptacle, Hermetic, Solder Mtg MS3144 X-706B MIL-C-81703 2 Receptacle, Push Pull, Jam Nut MS3145 ** MIL-C-81703 3 Receptacle, Hermetic, Push Pull, Box Mtg MS3146 ** MIL-C-81703 3 Receptacle, Push Pull, Hermetic, Solder Mtg MS3147 X-706B MIL-C-81703 2 Plug, Push Pull (Crimp) MS3148 X-706B MIL-C-81703 2 Plug, Push Pull, Lanyard (Crimp) MS3149 ** MIL-C-81703 3 Receptacle, Push Pull, Hermetic PART NO. CONN. SPECIFICATION SERIES DESCRIPTION DESIG. The following is a listing of circular connectors defined by US Military Specifications, cross-referenced to the applicable active or inactive part number series. The symbols in the Connector Designator column are an essential element in Glenair’s backshell part number developments. * Consult factory ** Connector does not accommodate rear accessories Military Standard Connector Index |
Numéro de pièce similaire - MS3105 |
|
Description similaire - MS3105 |