| Moteur de recherche de fiches techniques de composants électroniques |
|
MS3401 Fiches technique(PDF) 1 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
MS3401 Fiches technique(HTML) 1 Page - Glenair, Inc. |
|
|
1 / 1 page ![]() GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2003 Glenair, Inc. Printed in U.S.A. CAGE Codes 06324 F-7 E-Mail: sales@glenair.com www.glenair.com * Consult factory ** Connector does not accommodate rear accessories PART NO. CONN. SPECIFICATION SERIES DESCRIPTION DESIG. Military Standard Connector Index MS3400 A MIL-C-5015 MS3400 Receptacle, Wall Mtg MS3401 A MIL-C-5015 MS3400 Receptacle, Cable Connecting MS3402 ** MIL-C-5015 MS3400 Receptacle,,Box Mtg MS3404 A MIL-C-5015 MS3400 Receptacle, Jam Nut MS3406 A MIL-C-5015 MS3400 Plug MS3408 A MIL-C-5015 MS3400 Plug, 90 ° MS3409 A MIL-C-5015 MS3400 Plug, 45 ° MS3412 A MIL-C-5015 MS3400 Receptacle, Wall Mtg MS3424 A MIL-C-81703 3 Receptacle, Push Pull, Wall Mtg MS3440 ** MIL-C-26482 2 Receptacle, Narrow Flange Mtg (was M83723/9/10) MS3442 ** MIL-C-26482 2 Receptacle, Wide Flange Mtg MS3443 ** MIL-C-26482 2 Receptacle, Solder Flange Mtg MS3445 * MIL-C-81703 2 Plug, Push Pull, Rack & Panel Mtg MS3446 A MIL-C-81703 3 Plug, Rack & Panel MS3449 ** MIL-C-26482 2 Receptacle, Single Hole Mtg MS3450 A MIL-C-5015 MS3450 Receptacle, Wall Mtg (was M83723/19/20) MS3451 A MIL-C-5015 MS3450 Receptacle, Cable Connecting (was M83723/17/18) MS3452 ** MIL-C-5015 MS3450 Receptacle, Box Mtg (was M83723/21/22) MS3454 A MIL-C-5015 MS3450 Receptacle, Jam Nut MS3456 A MIL-C-5015 MS3450 Plug, Straight (was M83723/23/24) MS3459 A MIL-C-5015 MS3450 Plug, Straight, Self Locking (was M83723/52/53) MS3463 ** MIL-C-81703 3 Receptacle, Push Pull MS3464 A MIL-C-81703 3 Receptacle, Push Pull, Jam Nut MS3466 ** MIL-C-81703 3 Receptacle, Push Pull, Hermetic MS3467 A MIL-C-81703 3 Plug, Push Pull MS3468 A MIL-C-81703 3 Plug, Push Pull, Lanyard MS3469 ** MIL-C-81703 3 Receptacle, Push Pull, Hermetic, Jam Nut MS3470 A MIL-C-26482 2 Receptacle, Narrow Flange Mtg (was M83723/1/2) MS3471 A MIL-C-26482 2 Receptacle, Cable Connecting (was M83723/7/8) MS3472 A MIL-C-26482 2 Receptacle, Wide Flange Mtg (was M83723/3/4) MS3473 ** MIL-C-26482 2 Receptacle, Solder Mtg, Hermetic MS3474 A MIL-C-26482 2 Receptacle, Rear Mtg, Jam Nut (was M83723/5/6) MS3475 A MIL-C-26482 2 Plug, RFI Shielded (was M83723/42/43) MS3476 A MIL-C-26482 2 Plug, Straight (was M83723/13/14) MS3477 ** MIL-C-26482 2 Receptacle Hermetic, Box Mtg MS3479 ** MIL-C-26482 2 Receptacle, Hermetic, Rear Mtg, Jam Nut MS17343 C MIL-C-22992 R Receptacle, Wall Mtg MS17344 C MIL-C-22992 R Plug, Straight MS17345 C MIL-C-22992 R Plug, Cable Connecting MS17346 C MIL-C-22992 R Receptacle, Box Mtg MS17347 C MIL-C-22992 R Receptacle, Jam Nut MS17348 C MIL-C-22992 R Receptacle, Jam Nut, Box Mtg MS18062 ** MIL-C-22992 R Dummy Receptacle MS20026 * MIL-C-27599 Receptacle, Wall Mtg, Solder MS20027 * MIL-C-27599 Receptacle, Line MS20028 * MIL-C-27599 Plug, Straight MS20029 ** MIL-C-27599 Receptacle, Jam Nut Mtg |
Numéro de pièce similaire - MS3401 |
|
Description similaire - MS3401 |