Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS-7250 Fiches technique(PDF) 21 Page - BOSER Technology Co., Ltd

No de pièce HS-7250
Description  Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSER [BOSER Technology Co., Ltd]
Site Internet  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-7250 Fiches technique(HTML) 21 Page - BOSER Technology Co., Ltd

Back Button HS-7250 Datasheet HTML 17Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 18Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 19Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 20Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 21Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 22Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 23Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 24Page - BOSER Technology Co., Ltd HS-7250 Datasheet HTML 25Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
15
J3: RS-422/485 Connector (3x2 Header)
PIN Description PIN Description
1
TX-
2
TX+
3
RX+
4
RX-
5
GND
6
VCC
1
5
62
JP4: COM 2 use RS-232 or RS-422/485 Select
Options
Settings
RS-232 (default)
Open
RS-485 by Auto (*1)
Short 1-2, 3-4, 5-7, 8-10
RS-485 by –RTS (*-1)
Short 1-2, 3-4, 7-9, 8-10
RS-422/485 Full Duplex (*2)
Short 1-2, 3-4, 6-8
1
9
10
2
NOTE:
*1: 2-wires RS-485 function
*2: 4-wires point-to-point full duplex function
4-wires point-to-point full duplex RS-422/485
Typical RS-485 2-wires Mutildrop Network
3.11 Ethernet Connector
The HS-7250/HS-7650 series provides two external RJ-45 interface
connectors. Please refer to the following for its pin information.
JP1: Onboard LAN 2 Enabled/Disabled Select
Options
Settings
Enabled (default)
Short 1-2
Disabled
Short 2-3
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54