| Moteur de recherche de fiches techniques de composants électroniques |
|
HS-7239 Fiches technique(PDF) 21 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-7239 Fiches technique(HTML) 21 Page - BOSER Technology Co., Ltd |
|
21 / 84 page ![]() 15 3.9 Floppy Disk Drive Connector The HS-7239/HS-7239M uses a standard 34-pin header connector, FD1, for floppy disk drive connection. A total of two FDD drives may be connected to FD1 at any given time. FD1: FDD Connector PIN Description PIN Description 1 GND 2 DRVDEN0 3 GND 4 N/C 5 GND 6 DRVDEN1 7 GND 8 INDEX# 9 GND 10 MTR0# 11 GND 12 DS1# 13 GND 14 DS0# 15 GND 16 MTR1# 17 GND 18 DIR# 19 GND 20 STEP# 21 GND 22 WDATA# 23 GND 24 WGATE# 25 GND 26 TRAK00# 27 GND 28 WRTPRT# 29 N/C 30 RDATA# 31 GND 32 HDSEL# 33 N/C 34 DSKCHG# 1 2 34 33 |