| Moteur de recherche de fiches techniques de composants électroniques |
|
HS-7238 Fiches technique(PDF) 21 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-7238 Fiches technique(HTML) 21 Page - BOSER Technology Co., Ltd |
|
21 / 74 page ![]() 15 3.12 Ethernet Connector The HS-7238 provides two external RJ-45 interface connectors. Please refer to the following for its pin information. CN10: Dual RJ-45 Connector PIN Description 1 TX+ 2 TX- 3 RX+ 4 R/C GND 5 R/C GND 6 RX- 7 R/C GND 8 R/C GND 1 8 JP3: Onboard LAN 2 Enabled/Disabled Select Options Settings Enabled (default) Short 1-2 Disabled Short 2-3 1 3 3.13 USB Connector The HS-7238 provides internal USB port at location US1 and US2. US1: Internal USB Port PIN Description 1 VCC 2 BD0- 3 BD0+ 4 GND 1 4 US2: Internal USB2.0 Port PIN Description PIN Description 1 VCC 2 VCC 3 BD1- 4 BD2- 5 BD1+ 6 BD2+ 7 GND 8 GND 1 2 78 |