| Moteur de recherche de fiches techniques de composants électroniques |
|
MC20A-R27M-RC Fiches technique(PDF) 2 Page - Allied Components International |
|
|
|||||||||||||||||||||||||||||
MC20A-R27M-RC Fiches technique(HTML) 2 Page - Allied Components International |
|
2 / 2 page ![]() Molded Chip Inductors MC20A MC20A-1R0M-RC 1 20 30 7.96 120 0.70 400 MC20A-1R2M-RC 1.2 20 30 7.96 100 0.75 390 MC20A-1R5M-RC 1.5 20 30 7.96 85 0.85 370 MC20A-1R8M-RC 1.8 20 30 7.96 80 0.90 350 MC20A-2R2M-RC 2.2 20 30 7.96 75 1.00 320 MC20A-2R7M-RC 2.7 20 30 7.96 70 1.10 290 MC20A-3R3M-RC 3.3 20 30 7.96 60 1.20 260 MC20A-3R9M-RC 3.9 20 30 7.96 55 1.30 250 MC20A-4R7M-RC 4.7 20 30 7.96 50 1.50 220 MC20A-5R6M-RC 5.6 20 30 7.96 45 1.60 200 MC20A-6R8M-RC 6.8 20 30 7.96 40 1.80 180 MC20A-8R2M-RC 8.2 20 30 7.96 35 2.00 170 MC20A-100M-RC 10 20 30 2.52 30 2.10 150 MC20A-120M-RC 12 20 30 2.52 20 2.50 140 MC20A-150M-RC 15 20 30 2.52 20 2.80 130 MC20A-180M-RC 18 20 30 2.52 20 3.30 120 MC20A-220M-RC 22 20 30 2.52 20 3.70 100 MC20A-270M-RC 27 20 30 2.52 20 5.00 80 MC20A-330M-RC 33 20 30 2.52 17 5.60 70 MC20A-390M-RC 39 20 30 2.52 16 6.40 65 MC20A-470M-RC 47 20 30 2.52 15 7.00 60 MC20A-560M-RC 56 20 30 2.52 13 8.00 55 MC20A-680M-RC 68 20 30 2.52 12 9.00 50 MC20A-820M-RC 82 20 30 2.52 11 10.0 45 MC20A-101M-RC 100 20 20 7.96 10 10.0 40 MC20A-121M-RC 120 20 20 7.96 10 11.0 70 MC20A-151M-RC 150 20 20 7.96 8 15.0 65 MC20A-181M-RC 180 20 20 7.96 7 17.0 60 MC20A-221M-RC 220 20 20 7.96 7 21.0 50 MC20A-271M-RC 270 20 20 7.96 6 28.0 45 MC20A-331M-RC 330 20 20 7.96 5 34.0 40 MC20A-391M-RC 390 20 20 7.96 5 42.0 35 MC20A-471M-RC 470 20 20 7.96 4 40.0 25 Available in tighter tolerances. Allied Part Number IDC (mA) Inductance (µh) Tolerance (%) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR Max. (Ω) RoHS ALLIED COMPONENTS INTERNATIONAL 714-665-1140 www.alliedcomponents.com All specifications subject to change without notice. Dimensions: Inches (mm) Features • 1210 Molded Chip Inductor • Welded internal lead frame to coil • Excellent Solder Heat Resistance Electrical Inductance Range: .01µh ~ 470µh Tolerance: 10% over entire range Test Frequency: .01µh ~ .1µh measured at 100Mhz, Operating Temp: -25ºC ~ +85ºC @ 75% RH IDC: The current at which inductance will drop no more then 10% of it’s orginial value at 1Mhz, 1v. Resistance to Soldering Heat Pre-heating: 150ºC, 1min Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temperature: 245 ± 5ºC Test Equipment (L/Q): .01µh~82µh HP4287A + HP16034E (L/Q): 100µh~470µh HP4292A + HP16034E (RDC): Chen Hwa 502 (SRF): HP4291A Physical Packaging: 2000 pieces per 7 inch reel. Marking: EIA Inductance Code. Test OCS @ 200mv L/Q: Also available in 5% & 20% wire connection Immersion Time: 4 ± 1sec .12µh ~ .82µh measured at 25.2Mhz, 1µh ~ 8.2µh measured at 7.96Mhz, 10µh ~ 82µh measured at 2.52Mhz, 100µh ~ 470µh measured at .796Mhz, (IDC): HP4284A + HP42841A/WK3260B REVISED 7/27/09 PAGE 2 OF 2 |