Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2869 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2869
Description  20 KHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2869 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2869 Datasheet HTML 1Page - KR Electronics, Inc. 2869 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
KR Electronics
KR 2869 is an 20 KHz bandpass filter. Other center frequen-
cies can be specified.
General Description
KR Electronics, Inc.
Features
• 20 KHz center frequency
• 50 Ω
Typical Measured Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Numéro de pièce similaire - 2869

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2869 HEYCO-2869 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Adafruit Industries
2869 ADAFRUIT-2869 Datasheet
99Kb / 2P
NeoPixel Stick - 8 x 5050 RGBW LEDs - Cool White - ~6000K
logo
PHOENIX CONTACT
2869032 PHOENIX-2869032 Datasheet
69Kb / 4P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2869058 PHOENIX-2869058 Datasheet
307Kb / 8P
ME 22,5 UTG/FE KMGY - Mounting base housing
logo
Weidmuller
2869200000 WEIDMULLER-2869200000 Datasheet
275Kb / 4P
BLZ 7.62/05/90 SN GN BX
More results

Description similaire - 2869

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2851 KR-2851 Datasheet
50Kb / 2P
500 KHz bandpass filter
3117 KR-3117 Datasheet
58Kb / 3P
350 KHz Bandpass Filter
3148 KR-3148 Datasheet
57Kb / 3P
20 KHz Highpass Filter
3148-SMA KR-3148-SMA Datasheet
52Kb / 3P
20 KHz Highpass Filter
3159 KR-3159 Datasheet
65Kb / 3P
20 MHz Bandpass Filter
3201-20-BNC KR-3201-20-BNC Datasheet
58Kb / 3P
20 KHz Lowpass Filter
3205-BNC KR-3205-BNC Datasheet
149Kb / 3P
770 KHz Bandpass Filter
2436-90-SMA KR-2436-90-SMA Datasheet
183Kb / 3P
90 KHz Bandpass Filter
3201-20-SMA KR-3201-20-SMA Datasheet
56Kb / 3P
20 KHz Lowpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com