Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2862 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2862
Description  9.24 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2862 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2862 Datasheet HTML 1Page - KR Electronics, Inc. 2862 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
DEL
500 ns/
REF 500 ns
START
8 . 250
000
MHz
STOP
10 . 350
000
MHz
Cor
Avg
20
CH2
MEM
LOG
1 dB/
REF 0 dB
Cor
26 Sep 2008 08:29:51
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
10 . 000
000
MHz
SPAN
15 . 000
000
MHz
Cor
Avg
20
26 Sep 2008 08:30:44
KR Electronics
KR 2862 is a 9.24 MHz bandpass filter. The filter has a nominal
3 dB bandwidth of 2.1 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 9.24 MHz Center Frequency
• 2.1 MHz nominal 3 dB Bandwidth
• SMA Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 500 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2862

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2862 HEYCO-2862 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
Adafruit Industries
2862 ADAFRUIT-2862 Datasheet
92Kb / 2P
NeoPixel Ring - 24 x 5050 RGBW LEDs w/ Integrated Drivers - Natural White - ~4500K
logo
PHOENIX CONTACT
2862000 PHOENIX-2862000 Datasheet
150Kb / 5P
IBS IL 24 BK-T/U-2MBD-PAC
2862013 PHOENIX-2862013 Datasheet
158Kb / 5P
IB IL 24 DO16-2MBD-PAC
2862026 PHOENIX-2862026 Datasheet
95Kb / 5P
Bus coupler - IBS IL 24 BK RB LK-2MBD-PAC
More results

Description similaire - 2862

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0078BA03112S APITECH-SF0078BA03112S Datasheet
161Kb / 3P
77.8 MHz SAW Filter 9.24 MHz Bandwidth
logo
Oscilent Corporation
835-IF145.0M-D OSCILENT-835-IF145.0M-D Datasheet
218Kb / 6P
145.00MHz IF SAW Filter 9.24 MHz Bandwidth
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com