Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2841 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2841
Description  286 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2841 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2841 Datasheet HTML 1Page - KR Electronics, Inc. 2841 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
CH2
S31
DEL
10 ns/
REF 0 s
CENTER
286 . 000
000
MHz
SPAN
56 . 000
000
MHz
Cor
Smo
11 Jun 2008 14:49:47
CH1
S31
LOG
5 dB/
REF 0 dB
START
150 . 000
000
MHz
STOP
410 . 000
000
MHz
Cor
11 Jun 2008 14:50:32
KR Electronics
KR 2841 is a 286 MHz surface mount bandpass filter. The filter
has a minimum 3 dB bandwidth of 56 MHz. Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 286 MHz Center Frequency
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(5 dB/div)


Numéro de pièce similaire - 2841

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2841 HEYCO-2841 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
VISATON GmbH & Co. KG
2841 VISATON-2841 Datasheet
161Kb / 2P
K 40 - 50 Ohm
14.06.2013
logo
Alpha Wire
2841/1 ALPHAWIRE-2841/1 Datasheet
98Kb / 4P
Customer Specification
2/16/2023
2841/7 ALPHAWIRE-2841/7 Datasheet
98Kb / 4P
Customer Specification
2/23/2023
logo
STEGO Elektrotechnik Gm...
28410.0-00 STEGO-28410.0-00 Datasheet
1Mb / 1P
VENTILATION CABLE GLAND
15.09.2023
More results

Description similaire - 2841

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2792-27 KR-2792-27 Datasheet
371Kb / 2P
27 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2820-14.7 KR-2820-14.7 Datasheet
371Kb / 2P
14.7 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com