Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2829 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2829
Description  760 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2829 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2829 Datasheet HTML 1Page - KR Electronics, Inc. 2829 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S31
LOG
1 dB/
REF 0 dB
Cor
CH2
S31
DEL
5 ns/
REF 0 s
CENTER
760 . 000
000
MHz
SPAN
65 . 000
000
MHz
Cor
Smo
9 Apr 2008 15:48:44
CH1
S31
LOG
10 dB/
REF 0 dB
CENTER
760 . 000
000
MHz
SPAN
1 000 . 000
000
MHz
Cor
9 Apr 2008 15:49:11
KR Electronics
KR 2829 is a 760 MHz bandpass filter. The filter has a mini-
mum 3 dB bandwidth of 50 MHz and greater than 20 dB at 680
MHz and 845 MHz. Other center frequencies and bandwidths
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 760 MHz Lowpass
• N Connectors
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 5 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2829

FabricantNo de pièceFiches techniqueDescription
logo
Alpha Wire
2829-2 ALPHAWIRE-2829-2 Datasheet
406Kb / 4P
18 (19/30) AWG Silver Plated Copper
2829-3 ALPHAWIRE-2829-3 Datasheet
406Kb / 4P
18 (19/30) AWG Silver Plated Copper
2829-4 ALPHAWIRE-2829-4 Datasheet
407Kb / 4P
18 (19/30) AWG Silver Plated Copper
logo
KR Electronics, Inc.
2829-SMA KR-2829-SMA Datasheet
42Kb / 2P
760 MHz Lowpass
logo
Alpha Wire
2829/2 ALPHAWIRE-2829/2 Datasheet
406Kb / 4P
18 (19/30) AWG Silver Plated Copper
More results

Description similaire - 2829

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
3316-SMA KR-3316-SMA Datasheet
109Kb / 3P
550 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com