Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2825 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2825
Description  196 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2825 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2825 Datasheet HTML 1Page - KR Electronics, Inc. 2825 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
CENTER 196.000 000 MHz
SPAN 40.000 000 MHz
Cor
Smo
PRm
19 Mar 2008 12:49:10
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CENTER 196.000 000 MHz
SPAN 350.000 000 MHz
Cor
PRm
19 Mar 2008 12:50:16
KR Electronics
KR 2825 is a 196 MHz bandpass filter. The filter has a mini-
mum 3 dB bandwidth of 40 MHz. Other passband frequencies
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 196 MHz Center Frequency
• 40 MHz Bandwidth
• SMA Connectors
• Also available in surface mount
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2825

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
2825 PHOENIX-2825 Datasheet
829Kb / 7P
Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
Heyco.
2825 HEYCO-2825 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
2825-F ETC2-2825-F Datasheet
80Kb / 1P
KNOB
2825-H ETC2-2825-H Datasheet
80Kb / 1P
KNOB
logo
KR Electronics, Inc.
2825-S2 KR-2825-S2 Datasheet
59Kb / 3P
196 MHz Bandpass Filter
More results

Description similaire - 2825

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2825-S2 KR-2825-S2 Datasheet
59Kb / 3P
196 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com