Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2818 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2818
Description  70 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2818 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2818 Datasheet HTML 1Page - KR Electronics, Inc. 2818 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH2
S31
LOG
.25 dB/
REF -.75 dB
START
50 . 000
000
MHz
STOP
90 . 000
000
MHz
Cor
CH4
S31
DEL
10 ns/
REF 0 s
Cor
Smo
24 Mar 2008 17:00:55
2
4
CH1
S31
LOG
10 dB/
REF 0 dB
START
1 . 000
000
MHz
STOP
200 . 000
000
MHz
Cor
24 Mar 2008 17:01:07
KR Electronics
KR 2818 is a 70 MHz bandpass filter. The filter has a minimum
0.25 dB bandwidth of 40 MHz. Other passband frequencies are
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 70 MHz Center Frequency
• 40 MHz 0.25 Bandwidth
• SMA Connectors
• Also available in surface mount
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(0.5 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2818

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2818 HEYCO-2818 Datasheet
102Kb / 1P
Shorty Bushings
logo
KR Electronics, Inc.
2818-1 KR-2818-1 Datasheet
371Kb / 2P
70 MHz bandpass filter
2818-2 KR-2818-2 Datasheet
371Kb / 2P
70 MHz bandpass filter
logo
TE Connectivity Ltd
281810-1 TEC-281810-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
logo
Tyco Electronics
281810-2 MACOM-281810-2 Datasheet
259Kb / 2P
25POS.SPLASH PROOF CONN. FOR JUNIOR TIMERC.90 VERSION
More results

Description similaire - 2818

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
854656 TRIQUINT-854656 Datasheet
41Kb / 1P
70 MHz Bandpass Filter
854747-1 TRIQUINT-854747-1 Datasheet
34Kb / 1P
70 MHz Bandpass Filter
logo
KR Electronics, Inc.
2810 KR-2810 Datasheet
49Kb / 2P
70 MHz bandpass filter
2818-1 KR-2818-1 Datasheet
371Kb / 2P
70 MHz bandpass filter
3041 KR-3041 Datasheet
58Kb / 3P
70 MHz Bandpass Filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
70 MHz Bandpass Filter
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
70 MHz Bandpass Filter
3157-1 KR-3157-1 Datasheet
74Kb / 3P
70 MHz Bandpass Filter
3169 KR-3169 Datasheet
70Kb / 3P
70 MHz Bandpass Filter
3157-SMD KR-3157-SMD Datasheet
69Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com