Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2817 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2817
Description  7 dB negative slope equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2817 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2817 Datasheet HTML 1Page - KR Electronics, Inc. 2817 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2008, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
START 50.000 000 MHz
STOP 550.000 000 MHz
Cor
PRm
CH2
S 11
log MAG
REF 0 dB
5 dB/
Cor
PRm
5 Feb 2008 11:28:46
1
2
KR Electronics
KR 2817 is a 7 dB negative slope equalizer. The equalizer has a
frequency band from 50 MHz to 550 MHz. Other frequencies
and slopes are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 7 dB Negative Slope Equalizer
• 50 MHz to 550 MHz
• 50 Ω Source and Load
• N Connectors
Typical Performance
www.krfilters.com
Response & Return Loss
(1 dB/div & 5 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax


Numéro de pièce similaire - 2817

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2817 HEYCO-2817 Datasheet
102Kb / 1P
Shorty Bushings
logo
KR Electronics, Inc.
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
logo
Alpha Wire
2817/2 ALPHAWIRE-2817/2 Datasheet
98Kb / 4P
Customer Specification
12/12/2022
2817/3 ALPHAWIRE-2817/3 Datasheet
99Kb / 4P
Customer Specification
1/19/2023
2817/4 ALPHAWIRE-2817/4 Datasheet
99Kb / 4P
Customer Specification
1/19/2023
More results

Description similaire - 2817

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
2816 KR-2816 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
logo
Mini-Circuits
REQ-75-182 MINI-REQ-75-182 Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-3-222N MINI-ZEQ-3-222N Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com