Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2810 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2810
Description  70 MHz bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2810 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2810 Datasheet HTML 1Page - KR Electronics, Inc. 2810 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
Cor
PRm
CH2
S 21
delay
REF 0 s
20 ns/
CENTER 70.000 000 MHz
SPAN 40.000 000 MHz
Cor
PRm
20 Dec 2007 17:39:00
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 START
.100 000 MHz
STOP 200.000 000 MHz
Cor
PRm
20 Dec 2007 17:40:57
KR Electronics
KR 2810 is a 70 MHz bandpass filter. The filter has a 3 dB band-
width of 40 MHz. Other center frequencies and bandwidths
available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• Sharp Transition to Stopband
• >40 dB Stopband
• 50 Ω Source and Load
• SMA Connectors
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div & 20 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2810

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2810 HEYCO-2810 Datasheet
102Kb / 1P
Shorty Bushings
2810 HEYCO-2810 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
KR Electronics, Inc.
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
Amphenol Corporation
28100 AMPHENOL-28100 Datasheet
59Kb / 1P
BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
logo
Honeywell Accelerometer...
28100 HONEYWELL-ACC-28100 Datasheet
347Kb / 6P
Other AC and DC Meters Available
More results

Description similaire - 2810

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
854656 TRIQUINT-854656 Datasheet
41Kb / 1P
70 MHz Bandpass Filter
854747-1 TRIQUINT-854747-1 Datasheet
34Kb / 1P
70 MHz Bandpass Filter
logo
KR Electronics, Inc.
2818 KR-2818 Datasheet
50Kb / 2P
70 MHz bandpass filter
2818-1 KR-2818-1 Datasheet
371Kb / 2P
70 MHz bandpass filter
3041 KR-3041 Datasheet
58Kb / 3P
70 MHz Bandpass Filter
3135-70-20 KR-3135-70-20 Datasheet
69Kb / 3P
70 MHz Bandpass Filter
3135-70-30 KR-3135-70-30 Datasheet
103Kb / 3P
70 MHz Bandpass Filter
3157-1 KR-3157-1 Datasheet
74Kb / 3P
70 MHz Bandpass Filter
3169 KR-3169 Datasheet
70Kb / 3P
70 MHz Bandpass Filter
3157-SMD KR-3157-SMD Datasheet
69Kb / 3P
70 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com