Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2791 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2791
Description  500 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2791 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2791 Datasheet HTML 1Page - KR Electronics, Inc. 2791 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 500.000 000 MHz
SPAN 150.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 0 s
10 ns/
Cor
PRm
19 Jul 2007 10:26:24
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 500.000 000 MHz
SPAN 800.000 000 MHz
Cor
PRm
19 Jul 2007 10:28:45
KR Electronics
KR 2791 is a 500 MHz surface mount bandpass filter. The filter
has a minimum 1 dB bandwidth of 150 MHz. Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 500 MHz Center Frequency
• 150 MHz Min 1 dB BW
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2791

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2791 HEYCO-2791 Datasheet
105Kb / 1P
Dome Plugs
logo
Adafruit Industries
2791 ADAFRUIT-2791 Datasheet
365Kb / 2P
3.5mm (1/8") Stereo Audio Jack Terminal Block
6-26-17
logo
PHOENIX CONTACT
2791016 PHOENIX-2791016 Datasheet
134Kb / 6P
UKK 5-DIO/O-U
2791032 PHOENIX-2791032 Datasheet
123Kb / 6P
UKK 5-DIO/U-O
logo
raaco Great Britain Ltd
279109 RAACO-279109 Datasheet
40Kb / 1P
Product sheet
More results

Description similaire - 2791

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2790 KR-2790 Datasheet
371Kb / 2P
75 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2792-27 KR-2792-27 Datasheet
371Kb / 2P
27 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
3129 KR-3129 Datasheet
77Kb / 3P
500 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com