Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2790 Fiches technique(PDF) 1 Page - KR Electronics, Inc.

No de pièce 2790
Description  75 MHz surface mount bandpass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2790 Fiches technique(HTML) 1 Page - KR Electronics, Inc.

  2790 Datasheet HTML 1Page - KR Electronics, Inc. 2790 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2007, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 75.000 000 MHz
SPAN 15.000 000 MHz
Cor
PRm
CH2
S 21
delay
REF 50 ns
10 ns/
Cor
Smo
PRm
18 Jul 2007 12:03:45
1
2
CH1
S 21
log MAG
10 dB/
REF 0 dB
CH1 CENTER 75.000 000 MHz
SPAN 100.000 000 MHz
Cor
PRm
18 Jul 2007 12:04:43
KR Electronics
KR 2790 is a 75 MHz surface mount bandpass filter. The filter
has a minimum 2 dB bandwidth of 15 MHz. Other passband
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 75 MHz Center Frequency
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude & Group Delay
(1 dB/div and 10 nsec/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Numéro de pièce similaire - 2790

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2790 HEYCO-2790 Datasheet
105Kb / 1P
Dome Plugs
logo
Adafruit Industries
2790 ADAFRUIT-2790 Datasheet
483Kb / 2P
3.5mm (1/8") Stereo Audio Plug Terminal Block
6-26-17
logo
Littelfuse
27901.5 LITTELFUSE-27901.5 Datasheet
93Kb / 1P
Axial Lead and Cartridge Fuses
logo
PHOENIX CONTACT
2790211 PHOENIX-2790211 Datasheet
103Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 4 screw or tab connections per side
2790224 PHOENIX-2790224 Datasheet
72Kb / 3P
Electronic housing - P 1-UEG
More results

Description similaire - 2790

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2791 KR-2791 Datasheet
371Kb / 2P
500 MHz surface mount bandpass filter
2792-11 KR-2792-11 Datasheet
371Kb / 2P
11 MHz surface mount bandpass filter
2792-19 KR-2792-19 Datasheet
371Kb / 2P
19 MHz surface mount bandpass filter
2804 KR-2804 Datasheet
49Kb / 2P
53 MHz surface mount bandpass filter
2821 KR-2821 Datasheet
371Kb / 2P
40.92 MHz surface mount bandpass filter
2830 KR-2830 Datasheet
49Kb / 2P
60 MHz surface mount bandpass filter
2836 KR-2836 Datasheet
371Kb / 2P
230 MHz surface mount bandpass filter
2841 KR-2841 Datasheet
371Kb / 2P
286 MHz surface mount bandpass filter
3262 KR-3262 Datasheet
58Kb / 3P
75 MHz Bandpass Filter
3297-SMA KR-3297-SMA Datasheet
100Kb / 3P
75 MHz Bandpass Filter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com