Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMC3003R2C50 Fiches technique(PDF) 10 Page - Cadeka Microcircuits LLC.

No de pièce TMC3003R2C50
Description  Triple Video D/A Converter 10 bit, 80 Msps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CADEKA [Cadeka Microcircuits LLC.]
Site Internet  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC3003R2C50 Fiches technique(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button TMC3003R2C50 Datasheet HTML 4Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 5Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 6Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 7Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 8Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 9Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 10Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 11Page - Cadeka Microcircuits LLC. TMC3003R2C50 Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TMC3003
PRODUCT SPECIFICATION
10
REV. 1.0.3 3/5/01
Mechanical Dimensions – 44-Lead PLCC Package
D
e
E
A
.165
.180
4.19
4.57
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
E1
J
D1
A
A1
A2
B
B1
D3/E3
J
– C –
ccc C
LEAD COPLANARITY
A1
.090
.120
2.29
3.05
A2
.020
.51
——
B
.013
.021
.33
.53
D/E
.685
.695
17.40
17.65
D1/E1
.650
.656
16.51
16.66
D3/E3
.500 BSC
12.7 BSC
e
.050 BSC
1.27 BSC
J
.042
.056
1.07
1.42
2
3
ND/NE
11
11
N44
44
ccc
.004
0.10
——
B1
.026
.032
.66
.81
Notes:
1.
2.
3.
All dimensions and tolerances conform to ANSI Y14.5M-1982
Corner and edge chamfer (J) = 45
°
Dimension D1 and E1 do not include mold protrusion. Allowable
protrusion is .101" (.25mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12