| Moteur de recherche de fiches techniques de composants électroniques |
|
STM1066C25F38F Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1066C25F38F Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 20 page ![]() Description STM1066 6/20 Figure 2. 6-bump flip chip connections Table 1. Pin descriptions Pin Symbol Function 1A VIN Supply for output pin (OUT) 1B EN Enable from USB VBUS 1C GND Ground 2A OUT Output 2B INH Active high. Inhibits device 2C VCC Chip supply VIN EN GND OUT INH VCC 1 2 BC ai 13915 A A BC 1 OUT INH V CC V IN EN GND 2 bottom view, bumps up top view, bumps down |