Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM1066C20F38F Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STM1066C20F38F
Description  Smart voltage supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1066C20F38F Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STM1066C20F38F Datasheet HTML 12Page - STMicroelectronics STM1066C20F38F Datasheet HTML 13Page - STMicroelectronics STM1066C20F38F Datasheet HTML 14Page - STMicroelectronics STM1066C20F38F Datasheet HTML 15Page - STMicroelectronics STM1066C20F38F Datasheet HTML 16Page - STMicroelectronics STM1066C20F38F Datasheet HTML 17Page - STMicroelectronics STM1066C20F38F Datasheet HTML 18Page - STMicroelectronics STM1066C20F38F Datasheet HTML 19Page - STMicroelectronics STM1066C20F38F Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Package mechanical data
STM1066
16/20
Figure 13.
Flip chip tape and reel specifications
Table 6.
Flip chip 6-bump, package mechanical data
Symbol
mm
inches
Min
Typ
Max
Min
Typ
Max
A
0.54
0.60
0.66
0.021
0.024
0.026
A1
0.170
0.205
0.240
0.007
0.008
0.009
A2
0.395
0.015
b
0.215
0.255
0.295
0.008
0.010
0.012
D
1.17
1.20
1.23
0.046
0.047
0.048
D1
0.80
0.031
e
0.36
0.40
0.44
0.014
0.016
0.017
E
0.77
0.80
0.83
0.030
0.031
0.033
E1
0.36
0.40
0.44
0.014
0.016
0.017
SE
0.18
0.20
0.22
0.007
0.008
0.009
f0.20
0.008
ccc
0.05
0.002
$
0.035
0.045
0.050
0.001
0.002
0.002
TxS
yww
TxS
yww
TxS
yww
TxS
yww
TxS
yww
0.90
±0.05
4.00±0.10
Dot identifying pin A1 location
User direction of unreeling
All dimensions in mm
0.200±0.015
0.71±0.05
2.00±0.05
4.00±0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20