| Moteur de recherche de fiches techniques de composants électroniques |
|
TMC2011AR3C1 Fiches technique(PDF) 2 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
TMC2011AR3C1 Fiches technique(HTML) 2 Page - Cadeka Microcircuits LLC. |
|
2 / 12 page ![]() TMC2011A/2111A PRODUCT SPECIFICATION 2 Functional Description The TMC2011A consists of two 4-bit wide, programmable length shift registers. The TMC2111A consists of a single 8-bit wide, programmable length shift register. The internal registers of each device share control signals and a common clock. Pin Assignments 24 Lead DIP (B2, N2) Packages 28 Lead PLCC (R3) Package DI0 1 12 24 65-2011A-03 13 DI1 DI2 DI3 L0 L1 VDD CLK DI4 DI5 DI6 DI7 DO0 DO1 DO2 DO3 L2 L3 GND MC DO4 DO5 DO6 DO7 DI0 1 12 24 13 DI1 DI2 DI3 L0 L1 VDD CLK DI4 DI5 DI6 DI7 DO0 DO1 DO2 DO3 L2 L3 GND GND DO4 DO5 DO6 DO7 DI3 L0 L1 VDD CLK DI4 NC NC L2 L3 GND GND MC NC TMC2011A 128 65-2011A-04 DI3 L0 L1 VDD CLK DI4 NC NC L2 L3 GND GND MC NC TMC2111A 128 |