Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPT9693 Fiches technique(PDF) 9 Page - Cadeka Microcircuits LLC.

No de pièce SPT9693
Description  WIDE INPUT VOLTAGE, JFET COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CADEKA [Cadeka Microcircuits LLC.]
Site Internet  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT9693 Fiches technique(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button SPT9693 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT9693 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
3/1/01
SPT9693
PACKAGE OUTLINES
20-Contact Leadless Chip Carrier (LCC)
C
D
F
A
B
Pin 1
Bottom
View
G
H
E
A
B
E
Pin 1
G
L
M
N
H
I
J
K
O
C
D
F
TOP
VIEW
Pin 1
BOTTOM
VIEW
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
.040 typ
1.02 typ
B
.050 typ
1.27 typ
C
0.045
0.055
1.14
1.40
D
0.345
0.360
8.76
9.14
E
0.054
0.066
1.37
1.68
F
.020 typ
0.51 typ
G
0.022
0.028
0.56
0.71
H
0.075
1.91
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
.045 typ
1.14 typ
B
.045 typ
1.14 typ
C
0.350
0.356
8.89
9.04
D
0.385
0.395
9.78
10.03
E
0.350
0.356
8.89
9.04
F
0.385
0.395
9.78
10.03
G
0.042
0.056
1.07
1.42
H
0.165
0.180
4.19
4.57
I
0.085
0.110
2.16
2.79
J
0.025
0.040
0.64
1.02
K
0.015
0.025
0.38
0.64
L
0.026
0.032
0.66
0.81
M
0.013
0.021
0.33
0.53
N
0.050
1.27
O
0.290
0.330
7.37
8.38
20-Lead Plastic Leadless Chip Carrier (PLCC)



Html Pages

1 2 3 4 5 6 7 8 9 10