| Moteur de recherche de fiches techniques de composants électroniques |
|
SPT5510SIM Fiches technique(PDF) 1 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
SPT5510SIM Fiches technique(HTML) 1 Page - Cadeka Microcircuits LLC. |
|
1 / 8 page ![]() SPT5510 16-BIT, 200 MWPS ECL D/A CONVERTER APPLICATIONS • High-precision arbitrary waveform generation • Test and measurement instrumentation • Digital waveform synthesis • Microwave and satellite modems • Disk drive test equipment • Industrial process control • Military applications BLOCK DIAGRAM GENERAL DESCRIPTION The SPT5510 is a 16-bit, 200 MWPS digital-to-analog converter designed for high-resolution waveform synthesis for test and measurement instrumentation applications. It features true 16-bit linearity, with differential non-linearity of typically ±0.6 LSB and integral non-linearity of ±0.75 LSB. It FEATURES • 16-Bit, 200 MWPS digital-to-analog converter • Differential linearity of ±0.6 LSB (typical) • Integral linearity of ±0.75 LSB (typical) • Fast settling time: 35 ns to 0.0008%; 25 ns to 0.01% • Low glitch energy • On-chip voltage reference • ECL compatibility has a very high-speed update rate of up to 200 MHz and is ECL compatible. It has an ultrafast settling time of 25 ns to 0.01% and 35 ns to 0.0008%. The SPT5510 operates over an industrial temperature range of –40 °C to +85 °C and is available in a 10 x 10 mm, 44-lead metric quad flat pack (MQFP) plastic package. 16 16 12 12 16 IOUT IOUT CLK Digital Inputs D15–D0 Bandgap Reference BGOUT RSET AMPINB + – Ref Amp AMPOUT AMPCC 20 10 Bias Reference Cell Bias Current Cells D15–D12 D11–D0 MSB Latch LSB Latch Input Latch MSB Decoder LSB Buffer IOUT IOUT REFIN |
Numéro de pièce similaire - SPT5510SIM |
|
Description similaire - SPT5510SIM |