Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPT5240SIT Fiches technique(PDF) 2 Page - Cadeka Microcircuits LLC.

No de pièce SPT5240SIT
Description  10-bit, 400 MWPS Current Output Digital-to-Analog Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CADEKA [Cadeka Microcircuits LLC.]
Site Internet  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT5240SIT Fiches technique(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT5240SIT Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT5240SIT Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
REV. 1 June 2003
DATA SHEET
SPT5240
TEST LEVEL CODES
All electrical characteristics are subject to the following conditions:
All parameters having min/max specifications are guaranteed. The Test Level column indicates the specific device testing
actually performed during production and Quality Assurance inspection.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
IV
Parameter is guaranteed by design or characterization data.
V
Parameter is a typical value for information purposes only.
Electrical Specifications
(TA = 25°C, AVDD = 3.3V, DVDD = 3.3V, ƒOUT = 1.27MHz, ƒCLK = 400MHz, Clock Duty Cycle = 50%,
IOUT = 20mA, RL = 50Ω; unless otherwise noted)
Parameter
Conditions
Test Level
Min
Typ
Max
Units
DC Performance
Resolution
10
Bits
Differential Linearity Error (DLE)
DC at ION
I-1
2
LSB
Integral Linearity Error (ILE)
DC at ION
I-4
±1.34
4
LSB
Offset Error
DC at both outputs
I
-.005
+.005 %FS
Full Scale Error
DC at both outputs
I
-15
+15
%FS
Gain Error
DC at both outputs
I
-15
+15
%FS
Maximum Full Scale Output Current
V
30
mA
Output Compliance Voltage
V
1.5
V
Output Impedance
Full-scale output
V
250
kΩ
Gain Error Tempco
V
±300
ppm
FS/°C
AC Performance
Maximum Clock Rate
IV
400
MHz
Glitch Energy
Major code transition
V
7
pV-s
Settling Time (tsettling)
See Figure 1, major code trans.
V
7.5
ns
Output Rise Time
V
1.3
ns
Output Fall Time
V
1.5
ns
Output Delay Time (tD)
See Figure 1
V
1.8
ns
Spurious Free Dynamic Range (SFDR)
V58
dBc
Total Harmonic Distortion (THD)
V
-55
dBc
Digital and Clock Data Input
VIH Minimum
V
2
V
VIL Maximum
V
1
V
Logic “1” Current
I
-10
+10
µA
Logic “0” Current
I
-10
+10
µA
Input Setup Time (tS)
See Figure 1
V
1
ns
Input Hold Time (tH)
See Figure 1
V
1
ns
Clock Feedthrough
V
-29
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10