| Moteur de recherche de fiches techniques de composants électroniques |
|
APT50GP60LDL Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT50GP60LDL Fiches technique(HTML) 2 Page - Microsemi Corporation |
|
2 / 9 page ![]() APT50GP60LDL(G) 1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 For Combi devices, I ces includes both IGBT and FRED leakages 3 See MIL-STD-750 Method 3471. 4 E on1 is the clam ped inductive turn-on-energy of the IGBT only, without the effect of a commutating diode reverse recovery current adding to the IGBT turn-on loss. (See Figure 24.) 5 E on2 is the clamped inductive turn-on energy that includes a commutating diode reverse recovery current in the IGBT turn-on switching loss. (See Figures 21, 22.) 6 E off is the clamped inductive turn-off energy measured in accordance with JEDEC standard JESD24-1. (See Figures 21, 23.) 7 Continuous current limited by package lead temperature. APT Reserves the right to change, without notice, the specifications and information contained herein. DYNAMIC CHARACTERISTICS Symbol C ies C oes C res V GEP Q g Q ge Q gc SSOA t d(on) t r t d(off) t f E on1 E on2 E off t d(on) t r t d(off) t f E on1 E on2 E off Test Conditions Capacitance V GE = 0V, V CE = 25V f = 1 MHz Gate Charge V GE = 15V V CE = 300V I C = 50A T J = 150°C, R G = 4.3 Ω, V GE = 15V, L = 100µH,V CE = 600V Inductive Switching (25°C) V CC = 400V V GE = 15V I C = 50A R G = 4.3 Ω T J = +25°C Inductive Switching (125°C) V CC = 400V V GE = 15V I C = 50A R G = 4.3 Ω T J = +125°C Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate-to-Emitter Plateau Voltage Total Gate Charge 3 Gate-Emitter Charge Gate-Collector ("Miller ") Charge Switching Safe Operating Area Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy 4 Turn-on Switching Energy (Diode) 5 Turn-off Switching Energy 6 Turn-on Delay Time Current Rise Time Turn-off Delay Time Current Fall Time Turn-on Switching Energy 4 4 Turn-on Switching Energy (Diode) 55 Turn-off Switching Energy 6 MIN TYP MAX 5700 465 30 7.5 165 40 50 190 19 36 85 60 465 835 635 19 36 115 85 465 1260 1060 UNIT pF V nC A ns µJ ns µJ THERMAL AND MECHANICAL CHARACTERISTICS UNIT °C/W gm MIN TYP MAX .20 .63 6.10 Characteristic Junction to Case (IGBT) Junction to Case (DIODE) Package Weight Symbol RθJC RθJC W T |