| Moteur de recherche de fiches techniques de composants électroniques |
|
WBC-R0202CRAS-01-2004-GG Fiches technique(PDF) 2 Page - IRC - a TT electronics Company. |
|
|
|||||||||||||||||||||||||||||
WBC-R0202CRAS-01-2004-GG Fiches technique(HTML) 2 Page - IRC - a TT electronics Company. |
|
2 / 3 page ![]() IRC Advanced Film Division © IRC Advanced Film Division • Corpus Christi Texas 78411 USA Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com WBC-CR Series Issue April 2006 Resistance Range Available Absolute Tolerances Available Ratio Tolerances (T0303 only) Best Absolute TCR Tracking TCR (T0303 only) 1.01M Ω-2.0MΩ F G J K D F G J ±100ppm/°C ±5ppm/°C Manufacturing Capabilities Data Wire Bondable High Range Chip Resistors Power Derating Data Absolute TCR Commercial Code MIL Inspection Code* ±300ppm/°C 00 04 ±100ppm/°C 01 05 TCR/Inspection Code Table *Notes: Product supplied to Class H of MIL-PRF 38534 include 100% visual inspection WBC WBC-CR Series Issue April 2006 WBC-CR Series Issue April 2006 |